Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9225-R Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # P9225-R
Description  Dual-Mode Wireless Power Receiver for 5W Applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9225-R Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button P9225-R Datasheet HTML 8Page - Renesas Technology Corp P9225-R Datasheet HTML 9Page - Renesas Technology Corp P9225-R Datasheet HTML 10Page - Renesas Technology Corp P9225-R Datasheet HTML 11Page - Renesas Technology Corp P9225-R Datasheet HTML 12Page - Renesas Technology Corp P9225-R Datasheet HTML 13Page - Renesas Technology Corp P9225-R Datasheet HTML 14Page - Renesas Technology Corp P9225-R Datasheet HTML 15Page - Renesas Technology Corp P9225-R Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
P9225-R Datasheet
© 2018 Integrated Device Technology, Inc.
12
November 12, 2018
6. Typical Performance Characteristics
The performance characteristics curves were taken using the P9038-R transmitter in WPC Mode.
Figure 2. Efficiency vs Output Load: VOUT = 5.5V
Figure 3. VOUT vs Output Load: VOUT = 5.5V
Figure 4. Efficiency vs Output Load: VOUT = 5V
Figure 5. VOUT vs Output Load: VOUT = 5V
Figure 6. Efficiency vs Output Load: VOUT = 4.5V
Figure 7. VOUT vs Output Load: VOUT = 4.5V
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
Output Load [A]
Ta=25C
Ta=85C
Ta=0C
5.45
5.46
5.47
5.48
5.49
5.5
5.51
5.52
5.53
5.54
5.55
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
Output Load [A]
Ta=25C
Ta=85C
Ta=0C
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
Output Load [A]
Ta=25C
Ta=85C
Ta=0C
4.95
4.96
4.97
4.98
4.99
5
5.01
5.02
5.03
5.04
5.05
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
Output Load [A]
Ta=25C
Ta=85C
Ta=0C
0.0%
10.0%
20.0%
30.0%
40.0%
50.0%
60.0%
70.0%
80.0%
90.0%
100.0%
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
Output Load [A]
Ta=25C
Ta=85C
Ta=0C
4.45
4.46
4.47
4.48
4.49
4.5
4.51
4.52
4.53
4.54
4.55
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
Output Load [A]
Ta=25C
Ta=85C
Ta=0C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com