Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9222-R Datasheet (PDF) - Renesas Technology Corp

P9222-R Datasheet PDF - Renesas Technology Corp
Part # P9222-R
Download  P9222-R Download
File Size   3663.64 Kbytes
Page   58 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Wireless Power Receiver for Low Power Applications

P9222-R Datasheet (PDF)

Go To PDF Page Download Datasheet
P9222-R Datasheet PDF - Renesas Technology Corp

Part # P9222-R
Download  P9222-R Click to download

File Size   3663.64 Kbytes
Page   58 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Wireless Power Receiver for Low Power Applications

P9222-R Datasheet (HTML) - Renesas Technology Corp


P9222-R Product details

The P9222-R/RN is an integrated single-chip wireless power
receiver IC (Rx) for up to 5W applications implementing in-band,
bi-directional data communication with no additional circuitry. The
device receives an AC power signal from a wireless power
transmitter, such as the P9235A-RB WPC Qi BPP Wireless
Transmitter IC, and converts it to a rectified output voltage, which
can be used to power devices or supply the battery charger input
in a wide range of wireless power applications. The receiver (Rx)
integrates a high-efficiency synchronous full bridge rectifier (SFBR)
and control circuits that enable bi-directional communication from
and to the transmitter (Tx) for optimized power delivery.
The P9222-R/RN is highly efficient at light loads and very wellsuited for low-power applications such as earbuds case charging.
A unique Ping detect feature gives the user an early indication of
the wireless charger connection and improves thermal
performance at the end of complete battery charging. Low undervoltage lockout (UVLO) threshold allows the receiver to start up
even with a weaker digital ping strength signal from a transmitter
over an extended area.
The device includes over-temperature and under/over-voltage
protection. The internal over-voltage clamping protects the rectifier
output from rising above the overvoltage level when the receiver is
quickly moved from a low-coupling position to a high-coupling
position. The integrated 32-bit ARM® Cortex®-M0 processor
(trademark of ARM, Ltd.) offers a high level of programmability and
design parameters that can be easily configured through the I2C
interface or an external EEPROM.
The P9222-R default firmware factory programmed in internal OTP
is WPC 1.2.4 Qi Baseline Power Profile (BPP) compatible. The
P9222-RN default factory firmware programmed in internal OTP is
latest WPC 1.3 Qi Baseline Power Profile (BPP) compatible.
The P9222-R/RN is available in a RoHS ultra-small WLCSP-40
package and it is rated for a 0 to 85°C ambient operating
temperature range.

Features
 Ultra-compact, efficient wireless power receiver for up to
5W applications
 P9222-R default firmware is WPC 1.2.4 Qi Baseline Power
Profile (BPP) compatible
 P9222-RN default firmware is WPC 1.3 Qi Baseline Power
Profile (BPP) compatible
 Ping detection for reduced power consumption at end of
charging
 Low under-voltage lockout (UVLO) for low voltage start-up for
faster connections over an extended area
 ASK and FSK modulation/demodulation for Bi-directional
Communication: Rx-to-Tx and Tx-to-Rx
 Supports bi-directional data communication
 Easy configuration of design parameters through I2C interface
on an external EEPROM
 Embedded 32-bit ARM® Cortex®-M0 processor
 Internal over-voltage clamping
 Low standby and operating mode power consumption
 High performance low dropout (LDO) regulator with low
RDS(on) and programmable current limiting
 Supports I2C slave/master mode
 40-WLCSP: 5 × 8 ball array, 2.28 × 3.38 mm, 0.4mm pitch




Similar Part No. - P9222-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P922 ETC2-P922 Datasheet
118Kb / 1P
50 OHM COAXIAL CABLE
logo
Integrated Device Techn...
P9221-R IDT-P9221-R Datasheet
1Mb / 35P
Wireless Power Receiver
P9221-R IDT-P9221-R Datasheet
1Mb / 35P
Wireless Power Receiver for 15W Applications
logo
Renesas Technology Corp
P9221-R RENESAS-P9221-R Datasheet
1Mb / 38P
Wireless Power Receiver for 15W Applications
October 10, 2017
P9221-R3 RENESAS-P9221-R3 Datasheet
1Mb / 46P
15W Wireless Charging Receiver with Bi-directional Data Communication
October 20, 2017
More results


Similar Description - P9222-R

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
TS51221 SEMTECH-TS51221 Datasheet
1Mb / 18P
High Efficiency Regulator IC for Wireless Power Receiver Applications
logo
Integrated Device Techn...
P9027LP-R IDT-P9027LP-R Datasheet
2Mb / 27P
Wireless Power Receiver
P9221-R IDT-P9221-R Datasheet
1Mb / 35P
Wireless Power Receiver
logo
Semtech Corporation
TSWIRX-5V2-EVM SEMTECH-TSWIRX-5V2-EVM Datasheet
2Mb / 16P
Low Power Wireless Charging Receiver
logo
Integrated Device Techn...
P9221-R IDT-P9221-R_17 Datasheet
1Mb / 35P
Wireless Power Receiver for 15W Applications
logo
Renesas Technology Corp
RAA457100GBM RENESAS-RAA457100GBM Datasheet
867Kb / 27P
Wireless Charging System Receiver IC for Low Power Applications
logo
STMicroelectronics
STWLC68 STMICROELECTRONICS-STWLC68 Datasheet
1Mb / 32P
Qi-compliant inductive wireless power receiver for 5W applications
Rev 3
logo
Renesas Technology Corp
P9027LP-R RENESAS-P9027LP-R Datasheet
2Mb / 28P
Wireless Power Receiver for ≤ 3W Applications
April 28, 2016
P9221-R RENESAS-P9221-R Datasheet
1Mb / 38P
Wireless Power Receiver for 15W Applications
October 10, 2017
P9225-R RENESAS-P9225-R Datasheet
1Mb / 35P
Dual-Mode Wireless Power Receiver for 5W Applications
November 12, 2018
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com