Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9222-R Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # P9222-R
Description  Wireless Power Receiver for Low Power Applications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9222-R Datasheet(HTML) 1 Page - Renesas Technology Corp

  P9222-R Datasheet HTML 1Page - Renesas Technology Corp P9222-R Datasheet HTML 2Page - Renesas Technology Corp P9222-R Datasheet HTML 3Page - Renesas Technology Corp P9222-R Datasheet HTML 4Page - Renesas Technology Corp P9222-R Datasheet HTML 5Page - Renesas Technology Corp P9222-R Datasheet HTML 6Page - Renesas Technology Corp P9222-R Datasheet HTML 7Page - Renesas Technology Corp P9222-R Datasheet HTML 8Page - Renesas Technology Corp P9222-R Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
Wireless Power Receiver for
Low Power Applications
P9222-R/RN
Datasheet
© 2019-2022 Renesas Electronics Corporation
1
May 5, 2022
The P9222-R/RN is an integrated single-chip wireless power
receiver IC (Rx) for up to 5W applications implementing in-band,
bi-directional data communication with no additional circuitry. The
device receives an AC power signal from a wireless power
transmitter, such as the P9235A-RB WPC Qi BPP Wireless
Transmitter IC, and converts it to a rectified output voltage, which
can be used to power devices or supply the battery charger input
in a wide range of wireless power applications. The receiver (Rx)
integrates a high-efficiency synchronous full bridge rectifier (SFBR)
and control circuits that enable bi-directional communication from
and to the transmitter (Tx) for optimized power delivery.
The P9222-R/RN is highly efficient at light loads and very well-
suited for low-power applications such as earbuds case charging.
A unique Ping detect feature gives the user an early indication of
the wireless charger connection and improves thermal
performance at the end of complete battery charging. Low under-
voltage lockout (UVLO) threshold allows the receiver to start up
even with a weaker digital ping strength signal from a transmitter
over an extended area.
The device includes over-temperature and under/over-voltage
protection. The internal over-voltage clamping protects the rectifier
output from rising above the overvoltage level when the receiver is
quickly moved from a low-coupling position to a high-coupling
position. The integrated 32-bit ARM® Cortex®-M0 processor
(trademark of ARM, Ltd.) offers a high level of programmability and
design parameters that can be easily configured through the I2C
interface or an external EEPROM.
The P9222-R default firmware factory programmed in internal OTP
is WPC 1.2.4 Qi Baseline Power Profile (BPP) compatible. The
P9222-RN default factory firmware programmed in internal OTP is
latest WPC 1.3 Qi Baseline Power Profile (BPP) compatible.
The P9222-R/RN is available in a RoHS ultra-small WLCSP-40
package and it is rated for a 0 to 85°C ambient operating
temperature range.
Typical Applications
Wireless power solutions for mobile solutions including:
Wireless earbuds case charging
Wearables and fitness trackers
Mobile devices
Hearing aids case charging
Features
Ultra-compact, efficient wireless power receiver for up to
5W applications
P9222-R default firmware is WPC 1.2.4 Qi Baseline Power
Profile (BPP) compatible
P9222-RN default firmware is WPC 1.3 Qi Baseline Power
Profile (BPP) compatible
Ping detection for reduced power consumption at end of
charging
Low under-voltage lockout (UVLO) for low voltage start-up for
faster connections over an extended area
ASK and FSK modulation/demodulation for Bi-directional
Communication: Rx-to-Tx and Tx-to-Rx
Supports bi-directional data communication
Easy configuration of design parameters through I2C interface
on an external EEPROM
Embedded 32-bit ARM® Cortex®-M0 processor
Internal over-voltage clamping
Low standby and operating mode power consumption
High performance low dropout (LDO) regulator with low
RDS(on) and programmable current limiting
Supports I2C slave/master mode
40-WLCSP: 5 × 8 ball array, 2.28 × 3.38 mm, 0.4mm pitch
Block Diagram
Figure 1.
Simplified Block Diagram
AC1
AC2
BST2
CM2
CM1
BST1
PGND
VRECT
LDO5P0
VOUT
OD1
OD0
/EN
GP0
GP1
GP2
P9222-R
P9222-RN
LDO1P8
DC Output
OD2
Rx
Coil
LDO1P8
PDET_RC
PDETB
LDO5P0
SCL
SDA
CS
CD
/Enable
/INT
ADC_IN
CMB
CMA
EEPROM or AP
(Optional)
External Thermistor
Connect to LDO1P8
for External EEPROM
ADC_IN


Similar Part No. - P9222-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P922 ETC2-P922 Datasheet
118Kb / 1P
50 OHM COAXIAL CABLE
logo
Integrated Device Techn...
P9221-R IDT-P9221-R Datasheet
1Mb / 35P
Wireless Power Receiver
P9221-R IDT-P9221-R Datasheet
1Mb / 35P
Wireless Power Receiver for 15W Applications
logo
Renesas Technology Corp
P9221-R RENESAS-P9221-R Datasheet
1Mb / 38P
Wireless Power Receiver for 15W Applications
October 10, 2017
P9221-R3 RENESAS-P9221-R3 Datasheet
1Mb / 46P
15W Wireless Charging Receiver with Bi-directional Data Communication
October 20, 2017
More results

Similar Description - P9222-R

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
TS51221 SEMTECH-TS51221 Datasheet
1Mb / 18P
High Efficiency Regulator IC for Wireless Power Receiver Applications
logo
Integrated Device Techn...
P9027LP-R IDT-P9027LP-R Datasheet
2Mb / 27P
Wireless Power Receiver
P9221-R IDT-P9221-R Datasheet
1Mb / 35P
Wireless Power Receiver
logo
Semtech Corporation
TSWIRX-5V2-EVM SEMTECH-TSWIRX-5V2-EVM Datasheet
2Mb / 16P
Low Power Wireless Charging Receiver
logo
Integrated Device Techn...
P9221-R IDT-P9221-R_17 Datasheet
1Mb / 35P
Wireless Power Receiver for 15W Applications
logo
Renesas Technology Corp
RAA457100GBM RENESAS-RAA457100GBM Datasheet
867Kb / 27P
Wireless Charging System Receiver IC for Low Power Applications
logo
STMicroelectronics
STWLC68 STMICROELECTRONICS-STWLC68 Datasheet
1Mb / 32P
Qi-compliant inductive wireless power receiver for 5W applications
Rev 3
logo
Renesas Technology Corp
P9027LP-R RENESAS-P9027LP-R Datasheet
2Mb / 28P
Wireless Power Receiver for ≤ 3W Applications
April 28, 2016
P9221-R RENESAS-P9221-R Datasheet
1Mb / 38P
Wireless Power Receiver for 15W Applications
October 10, 2017
P9225-R RENESAS-P9225-R Datasheet
1Mb / 35P
Dual-Mode Wireless Power Receiver for 5W Applications
November 12, 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com