Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9222-R Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # P9222-R
Description  Wireless Power Receiver for Low Power Applications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9222-R Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button P9222-R Datasheet HTML 23Page - Renesas Technology Corp P9222-R Datasheet HTML 24Page - Renesas Technology Corp P9222-R Datasheet HTML 25Page - Renesas Technology Corp P9222-R Datasheet HTML 26Page - Renesas Technology Corp P9222-R Datasheet HTML 27Page - Renesas Technology Corp P9222-R Datasheet HTML 28Page - Renesas Technology Corp P9222-R Datasheet HTML 29Page - Renesas Technology Corp P9222-R Datasheet HTML 30Page - Renesas Technology Corp P9222-R Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 58 page
background image
P9222-R/RN Datasheet
© 2019-2022 Renesas Electronics Corporation
27
May 5, 2022
7. WPC Mode Characteristics
For a description of the startup process for wireless charging, which is compliant with the WPC protocol, see “Startup”.
7.1 WPC-Compliant Power Transfer
Once the “identification and configuration” phase is completed, the transmitter initiates the power transfer phase. The P9222-R/RN control
circuit measures the rectifier voltage and sends CEPs to the transmitter to adjust the rectifier voltage to the level required to maximize the
efficiency of the linear regulator and to notify the Tx of the current Received Power Packet for foreign object detection (FOD) in order to
guarantee safe, efficient power transfer. The P9222-R/RN is compatible with WPC specification and can use compatible Rx coils. Each receiver
coil type has a unique inductance value. As such, a unique resonant capacitor (CS) is used for a given type of receiver coil.
7.2 Advanced Foreign-Object Detection (FOD) in WPC Mode
When metallic objects are exposed to an alternating magnetic field, eddy currents cause such objects to heat up. Examples of parasitic metal
objects are coins, keys, paperclips, etc. The amount of heating depends on the amplitude and frequency of the magnetic field coupled, as well
as the characteristics of the object, such as its resistivity, size, and shape. In a wireless power transfer system, the heating manifests itself as
a power loss, and therefore a reduced power transfer efficiency. Moreover, if no appropriate measures are taken, the heating could lead to
unsafe situations if the objects reach high temperatures.
WPC power transmitters and receivers need to also compensate for the power loss due to parasitic metals intentionally designed into the final
product; i.e., metals that are neither part of the power transmitter nor of the power receiver, but which absorb power from magnetic field coupling
during the power transfer, such as Li-ion batteries, metallic cases, etc.
The P9222-R/RN uses advanced FOD techniques to detect foreign objects placed on or near the transmitter base station. The FOD algorithm
includes values that are programmable through either the I2C interface or external EEPROM memory bits. Programmability is necessary so
that the FOD settings can be optimized to match the power transfer characteristics of each particular WPC system to include the power losses
of the Tx and Rx coils, battery, shielding, and case materials under no load to full load conditions. The values are based on the comparison of
the received power against a reference power curve so that any foreign object can be sensed when the received power is different from the
expected system power.
The P9222-R/RN FOD values need to be tuned prior to production for WPC compliance using final production hardware and coils.
7.3 WPC Modulation/Communication
The P9222-R/RN operates in the WPC mode using a single LC tank Rx coil and requires AC modulation capacitor connections for WPC
communication. The capacitors CM1 and CM2 (connected to pins CM1 and CM2 respectively; see Figure 21) and the LC tank accomplish WPC
modulation. The capacitor values should be tuned to achieve maximum efficiency while still providing adequate communications.
Figure 21. Rx Modulation Components
AC1
AC2
CMA
CM2
LDO VOUT
CMA
CM2
VRECT
CM1
CM1
CMB
CMB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com