Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9222-R Datasheet(PDF) 50 Page - Renesas Technology Corp

Part # P9222-R
Description  Wireless Power Receiver for Low Power Applications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9222-R Datasheet(HTML) 50 Page - Renesas Technology Corp

Back Button P9222-R Datasheet HTML 46Page - Renesas Technology Corp P9222-R Datasheet HTML 47Page - Renesas Technology Corp P9222-R Datasheet HTML 48Page - Renesas Technology Corp P9222-R Datasheet HTML 49Page - Renesas Technology Corp P9222-R Datasheet HTML 50Page - Renesas Technology Corp P9222-R Datasheet HTML 51Page - Renesas Technology Corp P9222-R Datasheet HTML 52Page - Renesas Technology Corp P9222-R Datasheet HTML 53Page - Renesas Technology Corp P9222-R Datasheet HTML 54Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 58 page
background image
P9222-R/RN Datasheet
© 2019-2022 Renesas Electronics Corporation
50
May 5, 2022
Table 34. Foreign Object Detection Registers, FOD (0x70-0x7E)[a]
The FOD registers are divided into eight pairs. Each pair has one byte for gain setting and one byte for offset setting. The first six pairs control
the Received Power calculation for six power sectors during the Power Transfer phase. The seventh pair calibrates the internal DC Load. The
set values of the FOD registers are found with the help of a Renesas developed calibration procedure using the nok9 tester.
The firmware initializes the FOD registers for BPP mode. The correct set is loaded at completion of the ID and Configuration Phase. The AP
can modify the registers at any time if needed to update the values.
Address
and Bit
Register Field Name
R/W
Default
Value
Function and Description
0x70 [7:0]
GAIN_0
R/W
0xBC
FOD coefficients for Power Region 0: Gain (slope settings).
0x71 [7:0]
OFFSET_0
R/W
0x14
FOD coefficients for Power Region 0: Offset settings.
0x72 [7:0]
GAIN_1
R/W
0x98
FOD coefficients for Power Region 1: Gain (slope settings).
0x73 [7:0]
OFFSET_1
R/W
0x18
FOD coefficients for Power Region 1: Offset settings.
0x74 [7:0]
GAIN_2
R/W
0x9F
FOD coefficients for Power Region 2: Gain (slope settings).
0x75 [7:0]
OFFSET_2
R/W
0x0A
FOD coefficients for Power Region 2: Offset settings.
0x76 [7:0]
GAIN_3
R/W
0x94
FOD coefficients for Power Region 3: Gain (slope settings).
0x77 [7:0]
OFFSET_3
R/W
0x12
FOD coefficients for Power Region 3: Offset settings.
0x78 [7:0]
GAIN_4
R/W
0x97
FOD coefficients for Power Region 4: Gain (slope settings).
0x79 [7:0]
OFFSET_4
R/W
0x05
FOD coefficients for Power Region 4: Offset settings.
0x7A [7:0]
GAIN_5
R/W
0xA7
FOD coefficients for Power Region 5: Gain (slope settings).
0x7B [7:0]
OFFSET_5
R/W
0xCB
FOD coefficients for Power Region 5: Offset settings.
0x7C [7:0]
GAIN_6
R/W
0x14
FOD coefficients for Power Region 6: Gain (slope settings).
0x7D [7:0]
OFFSET_6
R/W
0x00
FOD coefficients for Power Region 6: Offset settings.
0x7E [7:0]
GAIN_7
R/W
0x01
FOD coefficients for Power Region 7: Gain (slope settings).
0x7F[ 7:0]
OFFSET_7
R/W
0x50
FOD coefficients for Power Region 7: Offset settings.
[a] These default FOD coefficients are calculated to PASS Nok9 CATS1 tester FOD tests using the P9222-R/RN reference design. FOD coefficients
must be changed if the receiver design uses a different coil compared to the P9222-R/RN reference design, or if there is a large amount of
friendly metal around the receiver coil.
Table 35. ADC Result Register (0xD4, 16-bit, OD2 in Default Config)
Address and
Bit
Register Field Name R/W
Default
Value
Function and Description
0xD4 [15:0]
AdcResult[0]
R
0
Configurable for GPIO, Temperature, Vout, Iout, or Vrect. By default it is configured
to OD2. The value is always in ADC counts and therefore must be converted to the
desired units.
For GPIOs the conversion is:
AdcResult[0] * 2100 / 4096 = Voltage on OD2 in mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com