Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9222-R Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # P9222-R
Description  Wireless Power Receiver for Low Power Applications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9222-R Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button P9222-R Datasheet HTML 28Page - Renesas Technology Corp P9222-R Datasheet HTML 29Page - Renesas Technology Corp P9222-R Datasheet HTML 30Page - Renesas Technology Corp P9222-R Datasheet HTML 31Page - Renesas Technology Corp P9222-R Datasheet HTML 32Page - Renesas Technology Corp P9222-R Datasheet HTML 33Page - Renesas Technology Corp P9222-R Datasheet HTML 34Page - Renesas Technology Corp P9222-R Datasheet HTML 35Page - Renesas Technology Corp P9222-R Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 58 page
background image
P9222-R/RN Datasheet
© 2019-2022 Renesas Electronics Corporation
32
May 5, 2022
8.3 VRECT Pin
The efficiency of the full-bridge rectifier in the P9222-R/RN is increased by implementing it as a synchronous rectifier.
The rectifier comprises four self-driven switches that work in a full synchronous mode of operation when the load is higher than 150mA. Below
that threshold, the rectifier works in half-synchronous rectification mode. At power-up, when the voltage is below the UVLO threshold, the
rectifier works by using the body diodes associated with the NMOS transistors. The BST capacitors are used to provide power to drive the gates
of high-side NMOS switches.
8.4 Enable Pin
The P9222-R/RN offers an active LOW enable function that allows the host AP to control when wireless power will be enabled. The /EN enable
pin (C4) must be actively pulled-up or pulled-down using the AP to drive the pin directly, or by using an external resistor to passively control the
default state. The /EN pin is a push-pull general purpose input/output (GPIO) type input and will consume current when driven HIGH while the
P9222-R/RN is not powered. It is recommended that one of the circuits shown in Figure 27 be followed.
The /EN pin can be actively controlled (AP I/O directly connected to /EN pin) or passively controlled depending on system requirements. Since
the AP must be used to control the P9222-R/RN enable pin, power will be consumed by the biasing resistor when the state is changed from the
default if using a passive control scheme – this may be needed to support AP sleep modes. Typical systems will use the P9222-R/RN set up to
be enabled by default in order to save the most power, and will disable wireless charging when wired charging is used or some other function
is being performed that requires wireless charging to remain disabled. One of the diagrams in Figure 27 must be used to set the default /EN pin
state for the P9222-R/RN.
Figure 27. P9222-R/RN Recommended Enable Default State Configurations
When using the “active enable control,” it is important to always force the /EN pin into a known state, and the /EN pin should never be left
floating. For example, in some applications when the battery is dead or when the AP is in sleep mode, the AP may not be actively driving the
/EN pin. In order to prevent the /EN pin from floating in such cases, a pull-down resistor should be added.
8.5
Transient Voltage Suppressor Diodes (TVS)
Transient Voltage Suppressor diodes can be added to the design from the AC1 and AC2 nodes to GND, or from AC1 to AC2 (D10, D2, D3, as
shown in the reference schematic). This component is useful to rapidly limit incoming ESD surges, or situations when the Tx incoming power
exceeds the expected power and Vrect voltage rises above target and over 15V in less than 10µs to aid in voltage limiting the incoming AC
waveforms. A balance in Reverse Standoff Voltage (VRWM), Clamping Voltage (VCL), Break-down Voltage (VBR) relative to the expected Vrect
operating voltage Vrect (be sure minimum VBR is less than maximum operating Vrect value and that VCL is less than Vrect Absolute maximum
voltage) should be reached. The following guidance should be used for the P9222-R/RN when selecting TVS diodes:
VRWM = 12V maximum
VBR = 14.6 V minimum at 5mA
VCL = 22 V maximum at 1App
When TVS diodes are used, it is recommended to place them as close to the coil on the respective nodes as possible to shunt high voltages
away from the P9222-R/RN. Zener diodes can also be used to limit voltage levels, and the Zener voltage should be above the working voltage
of the node and below the absolute maximum voltage of the pin connected to the node.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com