Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9222-R Datasheet(PDF) 54 Page - Renesas Technology Corp

Part # P9222-R
Description  Wireless Power Receiver for Low Power Applications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9222-R Datasheet(HTML) 54 Page - Renesas Technology Corp

Back Button P9222-R Datasheet HTML 50Page - Renesas Technology Corp P9222-R Datasheet HTML 51Page - Renesas Technology Corp P9222-R Datasheet HTML 52Page - Renesas Technology Corp P9222-R Datasheet HTML 53Page - Renesas Technology Corp P9222-R Datasheet HTML 54Page - Renesas Technology Corp P9222-R Datasheet HTML 55Page - Renesas Technology Corp P9222-R Datasheet HTML 56Page - Renesas Technology Corp P9222-R Datasheet HTML 57Page - Renesas Technology Corp P9222-R Datasheet HTML 58Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 54 / 58 page
background image
P9222-R/RN Datasheet
© 2019-2022 Renesas Electronics Corporation
54
May 5, 2022
13. Package Outline Drawings
The package outline drawings are located at the end of this document and are accessible from the Renesas website (see package links in
Ordering Information). The package information is the most current data available and is subject to change without revision of this document.
14. Marking Diagram
IDT
P9222
YYWW**
$-R
NNCCRR
•
Line 1 is the manufacturer (Renesas).
•
Line 2 is the truncated part number.
•
Line 3: “YYWW” is the last digit of the year and week that the part was assembled.
“**” denotes sequential lot number.
•
Line 4: “$” denotes mark code; “R” is part of the device part number for P9222-R.
•
Line 5: "NN” is the wafer number; “CC” is the column or X- coordinate of the wafer;
“RR” is the row or Y-coordinate of the wafer
IDT
P9222
YYWW**
$-RN
NNCCRR
•
Line 1 is the manufacturer (Renesas).
•
Line 2 is the truncated part number.
•
Line 3: “YYWW” is the last digit of the year and week that the part was assembled.
“**” denotes sequential lot number.
•
Line 4: “$” denotes mark code; “R” is part of the device part number for P9222-RN.
•
Line 5: "NN” is the wafer number; “CC” is the column or X- coordinate of the wafer;
“RR” is the row or Y-coordinate of the wafer
15. Ordering Information
Part Number[a]
Description
Package
MSL Rating
Carrier Type
Temperature Range
P9222-RAZGI8
Firmware factory programmed in
internal OTP is WPC 1.2.4 Qi BPP
compatible
40-WLCSP, 2.28 × 3.38
mm, 0.4mm pitch
MSL-1
Reel
-40°C to +85°C
P9222-RNAZGI8
Firmware factory programmed in
internal OTP is WPC 1.3 Qi BPP
compatible
40-WLCSP, 2.28 × 3.38
mm, 0.4mm pitch
MSL-1
Reel
-40°C to +85°C
[a] In the part ordering number, the code after the dash indicates specific customer firmware requirements. A dash code of -0 indicates devices
that have not been programmed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com