Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9222-R Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # P9222-R
Description  Wireless Power Receiver for Low Power Applications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9222-R Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button P9222-R Datasheet HTML 34Page - Renesas Technology Corp P9222-R Datasheet HTML 35Page - Renesas Technology Corp P9222-R Datasheet HTML 36Page - Renesas Technology Corp P9222-R Datasheet HTML 37Page - Renesas Technology Corp P9222-R Datasheet HTML 38Page - Renesas Technology Corp P9222-R Datasheet HTML 39Page - Renesas Technology Corp P9222-R Datasheet HTML 40Page - Renesas Technology Corp P9222-R Datasheet HTML 41Page - Renesas Technology Corp P9222-R Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 58 page
background image
P9222-R/RN Datasheet
© 2019-2022 Renesas Electronics Corporation
38
May 5, 2022
9.1.2 VOUT Configuration Change Using an External EEPROM
The default output voltage can be configured by writing a configuration file into the external EEPROM. The configuration file can be generated
using the P9222-R/RN Windows GUI. To generate a new configuration file using the P9222-R/RN Windows GUI:
1. Place receiver with the P9222-R/RN on the WPC transmitter or apply 5V from an external power supply on VRECT node.
2. Launch the P9222-R/RN GUI, go to the “Config” tab, and then click on the “Rd EEPROM” button. The current EEPROM configuration
values will be displayed.
3. Enter a new VOUT value and generate a new configuration by clicking on “Save cfg file”.
4. The Configuration can also be directly written to the external EEPROM by clicking “Wr EEPROM”. Write Protect on the EEPROM needs
to be disabled before writing to the EEPROM.
5. After saving the new configuration into the EEPROM, the P9222-R/RN must be power cycled for the output voltage to change to the new
value.
Figure 33. Changing the Default VOUT Value using the P9222-R/RN Windows GUI
9.2
Current Limit (ILIM) Configuration
The current limit threshold value is used to limit the output current of main LDO on the VOUT pin. If the output current reaches the target limit
value, the P9222-R/RN will reduce the output voltage without increasing current. The default ILIM value of the P9222-R/RN is 1.6A. The user
can change the default current limit value in accordance with specific user design requirements and store the modified configuration into an
external EEPROM. In addition, after the P9222-R/RN enters the power transfer phase, an external AP can adjust the ILIM value by writing to
the ILIM_Set register (0x3D) via the I2C interface. The P9222-R/RN firmware reads the internal register value in regular time base and updates
the current limit value. The current limit can be incremented in steps of 100mA.
������������������������������������������������������������������������������������������������������������������������������������������������(������������������������������������������������)=DecimalValueof0x3Dregister∗0.1(A)
Equation 5
The default Current Limit value can be configured by writing a configuration file into the external EEPROM. The configuration file can be
generated using the P9222-R/RN Windows GUI. For information on how the configuration file can be generated using the P9222-R/RN Windows
GUI, see “VOUT Configuration Change Using an External EEPROM.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com