Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9222-R Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # P9222-R
Description  Wireless Power Receiver for Low Power Applications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9222-R Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button P9222-R Datasheet HTML 36Page - Renesas Technology Corp P9222-R Datasheet HTML 37Page - Renesas Technology Corp P9222-R Datasheet HTML 38Page - Renesas Technology Corp P9222-R Datasheet HTML 39Page - Renesas Technology Corp P9222-R Datasheet HTML 40Page - Renesas Technology Corp P9222-R Datasheet HTML 41Page - Renesas Technology Corp P9222-R Datasheet HTML 42Page - Renesas Technology Corp P9222-R Datasheet HTML 43Page - Renesas Technology Corp P9222-R Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 58 page
background image
P9222-R/RN Datasheet
© 2019-2022 Renesas Electronics Corporation
40
May 5, 2022
9.4.1 Configuring FOD Parameters
FOD parameters consist of 8 sections. Each section is divided by output current and consists of gain and offset to compensate for Rx internal
power loss; each section is also adjusted for Reported Rx power. The following comprises the mA ranges for the FOD sections:
FOD section [0] is from 0mA to 191mA
FOD section [1] is from 192mA to 351mA
FOD section [2] is from 352mA to 511mA
FOD section [3] is from 512mA to 671mA
FOD section [4] is from 672mA to 819mA
FOD section [5] is more than 820mA
The formula of Rx Reported Power is:
������������������������������������������������������������������������������������������������������������������������������������������������������������������������������������[0..5]=������������������������������������������������������������(������������������������������������������������������������������������������������������������������������������������������������������������������������������������������������������������)∗������������������������������������������������������������������������������������[0…5]+������������������������������������������������������������������������[0..5] Equation6
Place the receiver with the P9222-R/RN on the Nok9 FOD transmitter. Ramp the current on the output of the P9222-R/RN in steps of 50mA to
100mA and monitor power difference between the Nok9 transmitted power and the receiver reported power value. The difference should be
within 0-350mW. If the difference exceeds 350mW, adjust the FOD gain or FOD offset of that particular output current section in order to bring
the difference back to 0-350mW range. The AP can modify the FOD gain and FOD offset by writing to the Foreign Object Detection Registers
(0x70-0x7E). In the final product, the AP can use the VRECTON interrupt or battery charger interrupt as a trigger to update the FOD registers.
The default values of the FOD registers can also be configured by the following writing a configuration file into the external EEPROM. To
generate the configuration file using the P9222-R/RN Windows GUI:
1. Place the receiver with the P9222-R/RN onto the WPC transmitter or apply 5V from an external power supply on the VRECT node.
2. Launch the P9222-R/RN GUI, go to the “Config” tab, click the “Rd EEPROM” button, and then click the “FOD” button. A new popup window
with the current FOD values stored in the external EEPROM will be displayed.
3. Enter new FOD values and click on the “Save cfg file” to generate a new configuration.
The configuration can also be directly written into the external EEPROM by clicking the “Wr EEPROM” button. Note: The Write Protect
function on the EEPROM must be disabled before writing to the EEPROM.
Figure 34. Changing the Default FOD Registers using the P9222-R/RN Windows GUI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com