Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9222-R Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # P9222-R
Description  Wireless Power Receiver for Low Power Applications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9222-R Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button P9222-R Datasheet HTML 42Page - Renesas Technology Corp P9222-R Datasheet HTML 43Page - Renesas Technology Corp P9222-R Datasheet HTML 44Page - Renesas Technology Corp P9222-R Datasheet HTML 45Page - Renesas Technology Corp P9222-R Datasheet HTML 46Page - Renesas Technology Corp P9222-R Datasheet HTML 47Page - Renesas Technology Corp P9222-R Datasheet HTML 48Page - Renesas Technology Corp P9222-R Datasheet HTML 49Page - Renesas Technology Corp P9222-R Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 58 page
background image
P9222-R/RN Datasheet
© 2019-2022 Renesas Electronics Corporation
46
May 5, 2022
Table 20. End of Power Transfer Register, EPT (0x3F)[a]
Address
and Bit
Register Field Name
R/W
Default
Value
Function and Description
0x3F [7:0]
EPT/EOC/EOP
Reason
R/W
0x00
A WPC End of Power Transfer packet/message will be sent based on the following:
0 = WPC mode, unknown EPT should be sent.
1 = WPC mode, End of Charge EPT packet should be sent.
2 = WPC mode, Internal Fault EPT packet should be sent.
3 = WPC mode, Over Temperature EPT packet should be sent.
4 = WPC mode, Over Voltage EPT packet should be sent.
5 = WPC mode, Over Current EPT packet should be sent.
6 = WPC mode, Battery Failure EPT packet should be sent.
7 = WPC mode, Reconfiguration EPT packet should be sent.
8 = WPC mode, No Response EPT packet should be sent.
9-254 = Reserved
[a] After writing to this register, the Send End of Power bit Command of Register (0x4E) must be set for transmission to begin.
Table 21. Vrect ADC Value Registers, ADC_Vrect_L (0x40), ADC_Vrect_H (0x41)
Address
and Bit
Register Field Name
R/W
Default
Value
Function and Description
0x40 [15:0]
ADC_Vrect [15:0]
R
0x0
Vrect ADC value in mV.
Table 22. Vout ADC Value Registers, ADC_Vout_L (0x42), ADC_Vout_H (0x43)
Address
and Bit
Register Field Name
R/W
Default
Value
Function and Description
0x42 [15:0]
ADC_Vout [15:0]
R
0x0
Vout ADC value in mV.
Table 23. Iout Value Registers, Iout_L (0x44), Iout_H (0x45)
Address
and Bit
Register Field Name
R/W
Default
Value
Function and Description
0x44 [15:0]
Iout [15:0]
R
0x0
Iout value in mA.
Table 24. Operating Frequency Registers, Op_Freq_L (0x48), Op_Freq_H (0x49) (RX Only)
Address
and Bit
Register Field Name
R/W
Default
Value
Function and Description
0x48 [15:0]
Op_Freq[7:0]
R
0x0
Operating frequency (AC signal frequency on the coil) in kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com