Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9222-R Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # P9222-R
Description  Wireless Power Receiver for Low Power Applications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9222-R Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button P9222-R Datasheet HTML 6Page - Renesas Technology Corp P9222-R Datasheet HTML 7Page - Renesas Technology Corp P9222-R Datasheet HTML 8Page - Renesas Technology Corp P9222-R Datasheet HTML 9Page - Renesas Technology Corp P9222-R Datasheet HTML 10Page - Renesas Technology Corp P9222-R Datasheet HTML 11Page - Renesas Technology Corp P9222-R Datasheet HTML 12Page - Renesas Technology Corp P9222-R Datasheet HTML 13Page - Renesas Technology Corp P9222-R Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
P9222-R/RN Datasheet
© 2019-2022 Renesas Electronics Corporation
10
May 5, 2022
2. Specifications
2.1 Absolute Maximum Ratings
The absolute maximum ratings are stress ratings only. Stresses greater than those listed below can cause permanent damage to the device.
Functional operation of the P9222-R/RN at the absolute maximum ratings is not implied. Exposure to absolute maximum rating conditions may
affect device reliability.
Table 2.
Absolute Maximum Ratings
Parameter
Conditions
Minimum[a]
Maximum[a]
Unit
VRECT, AC1, AC2, CMA, CMB, CM1, CM2
-0.3
20
V
PDETB, PDET_RC, LDO5P0, OD[2:0]
-0.3
6
V
LDO1P8, GP[2:0], /INT, /EN
-0.3
2
V
BST1
AC1 – 0.3
AC1 + 6
V
BST2
AC2 – 0.3
AC2 + 6
V
VOUT
-0.3
13
V
PGND
-0.3
0.3
V
Maximum RMS Current from CMA, CMB, CM1, CM2
500
mA
Maximum RMS Current from AC1, AC2
2
A
[a] All voltages are referenced to ground unless otherwise noted.
2.2 Thermal Characteristics
Table 3.
Thermal Characteristics for 40-WLCSP Package
Symbol
Parameter
Value
Unit
θJA
Thermal Resistance Junction to Ambient[a][b][c][d]
47
°
C/W
θJC
Thermal Resistance Junction to Case[b][c][d]
0.202
°
C/W
θJB
Thermal Resistance Junction to Board[b][c][d]
4.36
°
C/W
TJ
Operating Junction Temperature[a][b]
-40 to +125
°
C
TA
Operating Ambient Temperature[a][b]
-40 to +85
°
C
TSTG
Storage Temperature
-55 to +150
°
C
TBUMP
Maximum Soldering Temperature (Reflow, Pb-Free)
260
°
C
[a] The maximum power dissipation is PD(MAX) = (TJ(MAX) –TA / θJA where TJ is the junction temperature and TJ(MAX) is 125°C. Exceeding the
maximum allowable power dissipation will result in excessive die temperature, and the device will enter thermal shutdown.
[b] This thermal rating was calculated on a JEDEC 51 standard four-layer board with dimensions 3” × 4.5” in still air conditions.
[c] Actual thermal resistance is affected by PCB size, solder joint quality, layer count, copper thickness, airflow, altitude, and other unlisted
variables.
[d] For the 40-WLCSP (AZG40) package, connecting the six thermal balls to the internal/external ground planes from the top to bottom sides of
the PCB is recommended for improving the overall thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com