Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9222-R Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # P9222-R
Description  Wireless Power Receiver for Low Power Applications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9222-R Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button P9222-R Datasheet HTML 48Page - Renesas Technology Corp P9222-R Datasheet HTML 49Page - Renesas Technology Corp P9222-R Datasheet HTML 50Page - Renesas Technology Corp P9222-R Datasheet HTML 51Page - Renesas Technology Corp P9222-R Datasheet HTML 52Page - Renesas Technology Corp P9222-R Datasheet HTML 53Page - Renesas Technology Corp P9222-R Datasheet HTML 54Page - Renesas Technology Corp P9222-R Datasheet HTML 55Page - Renesas Technology Corp P9222-R Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 58 page
background image
P9222-R/RN Datasheet
© 2019-2022 Renesas Electronics Corporation
52
May 5, 2022
Table 41. VRECT Knee Register (0x92, 8-bit)
Address and
Bit
Register Field Name R/W
Default
Value
Function and Description
0x92 [7:0]
PwrKnee
R/W
0x0F
Threshold in units of 0.1W output power at which minimal window is applied.
Table 42. VRECT Correction Factor Register (0x93, 8-bit)
Address and
Bit
Register Field Name R/W
Default
Value
Function and Description
0x93 [7:0]
VrCorrFactor
R/W
0x19
Coefficient used in the Vrect Target calculation algorithm.
Table 43. VRECT Maximum Correction Register (0x94, 16-bit)
Address and
Bit
Register Field Name R/W
Default
Value
Function and Description
0x94 [15:0]
VrMaxCorr
R/W
0xEA
Maximum width of the window in ADC codes.
Table 44. VRECT Minimum Correction Register (0x96, 16-bit)
Address and
Bit
Register Field Name R/W
Default
Value
Function and Description
0x96 [15:0]
VrMinCorr
R/W
0x0D
Minimum width of the window in ADC codes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com