Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9222-R Datasheet(PDF) 43 Page - Renesas Technology Corp

Part # P9222-R
Description  Wireless Power Receiver for Low Power Applications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9222-R Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button P9222-R Datasheet HTML 39Page - Renesas Technology Corp P9222-R Datasheet HTML 40Page - Renesas Technology Corp P9222-R Datasheet HTML 41Page - Renesas Technology Corp P9222-R Datasheet HTML 42Page - Renesas Technology Corp P9222-R Datasheet HTML 43Page - Renesas Technology Corp P9222-R Datasheet HTML 44Page - Renesas Technology Corp P9222-R Datasheet HTML 45Page - Renesas Technology Corp P9222-R Datasheet HTML 46Page - Renesas Technology Corp P9222-R Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 58 page
background image
P9222-R/RN Datasheet
© 2019-2022 Renesas Electronics Corporation
43
May 5, 2022
Table 13. Status Registers, Status_L (0x34), Status_H (0x35)
Address
and Bit
Register Field Name
R/W
Default
Value
Function and Description
0x34 [7]
Reserved
R
0x0
Reserved
0x34 [6]
VRECTON
R
0x0
1 = Indicates AC power is applied. The flag is set before the Configuration Packet. It
is cleared on system reset or when power is removed. Interrupt event is generated
on SET event. This bit can be used for turning on the charging indicator on the
receiver.
0x34 [5]
TX Data Received
R
0x0
0 = Indicates no TX data is received.
1 = Indicates TX data is received and is ready to be read
0x34 [4]
Over voltage
R
0x0
0 = Indicates no such a condition exists.
1 = Indicates Over Voltage condition exists
0x34 [3]
Over current
R
0x0
0 = Indicates no such a condition exists
1 = Indicates Over Current condition exists
0x34 [2]
Over temperature
R
0x0
0 = Indicates no such a condition exists
1 = Indicates Over Temperature condition exists
0x34 [1:0]
Reserved
R
0x0
Reserved
0x35 [7:0]
Reserved
R
0x0
Reserved
Table 14. Interrupt Registers, INT_L (0x36), INT_H (0x37)[a]
Address
and Bit
Register Field Name
R/W
Default
Value
Function and Description
0x36 [7]
Reserved
R
0x0
Reserved.
0x36 [6]
VRECTON_INT
R
0x0
AC power applied and stable interrupt.
0x36 [5]
TX Data Received
R
0x0
1 = Indicates a pending interrupt for TX Data Received. (No received data state
change to data received state).
0x36 [4]
Over voltage
R
0x0
1 = Indicates a pending interrupt for Over voltage event
0x36 [3]
Over current
R
0x0
1 = Indicates a pending interrupt for Over current event
0x36 [2]
Over temperature
R
0x0
1 = Indicates a pending interrupt for Over temperature event
0x36 [1]
Reserved
R
0x0
Reserved
0x36 [0]
Mode_Changed
R
0x0
1 = Indicates a pending interrupt for mode or state change. For reading the current
state, refer to Sys_Op_Mode (0x4C).
0x37 [7:0]
Reserved
R
0x00
Reserved
[a] If any bit in the two INT status registers is 1, and the corresponding bit in the two INT Enable registers is set to 1, /INT pad will be pulled down
to indicate an interrupt event to AP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com