Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9222-R Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # P9222-R
Description  Wireless Power Receiver for Low Power Applications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9222-R Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button P9222-R Datasheet HTML 8Page - Renesas Technology Corp P9222-R Datasheet HTML 9Page - Renesas Technology Corp P9222-R Datasheet HTML 10Page - Renesas Technology Corp P9222-R Datasheet HTML 11Page - Renesas Technology Corp P9222-R Datasheet HTML 12Page - Renesas Technology Corp P9222-R Datasheet HTML 13Page - Renesas Technology Corp P9222-R Datasheet HTML 14Page - Renesas Technology Corp P9222-R Datasheet HTML 15Page - Renesas Technology Corp P9222-R Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 58 page
background image
P9222-R/RN Datasheet
© 2019-2022 Renesas Electronics Corporation
12
May 5, 2022
Symbol
Description
Conditions
Minimum
Typical
Maximum
Unit
IMLDO_LMT_STEP
Current Limit LSB
Programmable step
50
mA
VMLDO
Regulated VOUT
Programmable; VVRECT = 5.5V ,IOUT = 1A
4.8
5
5.2
V
VMLDO_STEP
Output Voltage Step
Size[c]
25
mV
VMLDO_ACC
Output Voltage
Accuracy
VOUT = 5V; IOUT = 0.5A
-2
2
%
RDSON_MLDO
Main LDO
80
mΩ
VMLDO_DROP
LDO Drop-Out Voltage
IOUT = 0.5A
37.5
mV
VMLDO_LNR
Line Regulation
VRECT = 5.5V to 8V; IOUT = 100mA
-0.2
0.2
%
VMLDO_PSRR
VOUT Power Supply
Rejection Ratio[c]
VOUT = 5V; IOUT = 0.5 A; 1kHz
120mVpp signal summed with VRECT
DC level.
80
dB
MLDOLINETRANS
Line Transient[c]
VRECT = 5.5V to 8V; IOUT = 100mA,
Slew Rate = 1V / 10µs
3.5
mV/V
VMLDO_LDR
Load Regulation
IOUT = 0 A to 0.5 A; VOUT = 5V
-0.5
0.5
%
MLDOLOADSTEP
Load Transient Rising[c]
VOUT = 5V; IOUT = 0 to 500mA,
Slew rate = 1A/1µs
160
mV/A
tMLDO_SS
MLDO Start-up Rise
Time[c]
Output capacitance = 10μF; no external
load (10% to 90% )
150
µs
LDO5P0 (For internal use only; LDO5P0 VIN = VRECT)
VLDO5P0
LDO5P0 Output
Output capacitance = 1μF, external
load=10mA
4.5
5
5.5
V
tLDO5P0_SS
LDO5P0 Start-up Rise
Time[c]
Output capacitance = 1μF; no external
load (10% to 90%)
160
µs
LDO1P8 (For internal use only; LDO1P8 VIN = LDO5P0)
VLDO1P8
LDO1P8 Output[d]
Output capacitance = 1μF, external load
= 10mA
1.62
1.8
1.98
V
tLDO1P8_SS
LDO1P8 Start-up Rise
Time[c]
Output capacitance = 1μF; no external
load (10% to 90%)
7
µs
Synchronous Full Bridge Rectifier
RON_HS
High Side RDS_ON
52
mΩ
RON_LS
Low Side RDS_ON
52
mΩ
RDSON_CMA/CMB
Communication A/B
1
Ω
RDSON_CM1/CM2
Communication 1/2
1
Ω
VF_RECT
Rectifier Body Diode
Forward biased voltage; 100mA
0.65
V
RECTFREQ_IN
Rectifier Input Operating
Frequency Range[c]
100
300
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com