Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9222-R Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # P9222-R
Description  Wireless Power Receiver for Low Power Applications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9222-R Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button P9222-R Datasheet HTML 43Page - Renesas Technology Corp P9222-R Datasheet HTML 44Page - Renesas Technology Corp P9222-R Datasheet HTML 45Page - Renesas Technology Corp P9222-R Datasheet HTML 46Page - Renesas Technology Corp P9222-R Datasheet HTML 47Page - Renesas Technology Corp P9222-R Datasheet HTML 48Page - Renesas Technology Corp P9222-R Datasheet HTML 49Page - Renesas Technology Corp P9222-R Datasheet HTML 50Page - Renesas Technology Corp P9222-R Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 58 page
background image
P9222-R/RN Datasheet
© 2019-2022 Renesas Electronics Corporation
47
May 5, 2022
Table 25. System Operating Mode Register, Sys_Op_Mode (0x4C)
Address
and Bit
Register Field Name
R/W
Default
Value
Function and Description
0x4C [7]
Reserved
R
0
Reserved.
0x4C [5]
Operational Mode
R
0x0
Indicates the FW is communicating to a Wireless Power Qi transmitter.
0x4C [4:1]
Reserved
R
0
Reserved.
0x4C [0]
LDOONMODE
R/W
0
Indicates output on VOUT.
Table 26. (AP to P9222-R/RN) Command Register, COM (0x4E)
Address
and Bit
Register Field Name
R/W
Default
Value
Function and Description
0x4E [7:6]
Reserved
R
0x0
Reserved.
0x4E [5]
Clear Interrupt
R/W
0x0
If the AP sets this bit to 1 then the P9222 M0 clears the interrupt corresponding to
the bit(s) that have a value of 1 in Interrupt Clear Registers, and also sets the bit(s)
in Interrupt Clear Registers to 0, as well as sets this bit to 0.
0x4E [4]
Send Charge Status
R/W
0x0
If the AP sets this bit to 1 then the P9222 the M0 sends the Charge Status packet
(defined in the Battery Charge Status Register) to TX, and then sets this bit to 0
after execution.
0x4E [3]
Send End of Power
R/W
0x0
If the AP sets this bit to 1 then the P9222 M0 sends the End of Power packet
(defined in the End of Power Transfer Register) to TX and then sets this bit to 0.
0x4E [2]
Reserved
R/W
0x0
Reserved.
0x4E [1]
Toggle LDO On/OFF
R/W
0x0
If the AP sets this bit to 1 then the P9222 M0 toggles LDO output once (from on to
off, or from off to on), and then sets this bit to 0.
0x4E [0]
SEND RX Data
R/W
0x0
If the AP sets this bit to 1 then the P9222 M0 sends Data Command + Value to TX
on Header and Payload of WPC Proprietary Packet, and then sets this bit to 0 after
execution.
The P9222-R/RN will prioritize packets when sending commands and data to the Tx. Packets are prioritized as follows:
1. Received Power Packet (RPP)
2. Charge Status Packet (CSP)
3. Proprietary Packet (PPP)
4. Control Error Packet (CEP)
When using the AP to send CSP and PPP messages, care should be taken not to send them too frequently because they will delay the CEP
transmission. It is not recommended to send CSP or PPP packets more than once every 250ms to avoid extended periods of time without
allowing the P9222-R/RN to transmit a CEP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com