Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9222-R Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # P9222-R
Description  Wireless Power Receiver for Low Power Applications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9222-R Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button P9222-R Datasheet HTML 41Page - Renesas Technology Corp P9222-R Datasheet HTML 42Page - Renesas Technology Corp P9222-R Datasheet HTML 43Page - Renesas Technology Corp P9222-R Datasheet HTML 44Page - Renesas Technology Corp P9222-R Datasheet HTML 45Page - Renesas Technology Corp P9222-R Datasheet HTML 46Page - Renesas Technology Corp P9222-R Datasheet HTML 47Page - Renesas Technology Corp P9222-R Datasheet HTML 48Page - Renesas Technology Corp P9222-R Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 58 page
background image
P9222-R/RN Datasheet
© 2019-2022 Renesas Electronics Corporation
45
May 5, 2022
Clearing a single interrupt:
Clearing a single interrupt is a two-step process using the INT_Clear_L (0x3A) and COM (0x4E) registers:
1. In the INT_Clear_L (0x3A) register, set the bit that corresponds to the interrupt that will be cleared.
2. In the COM (0x4E) register, set bit 5 to instruct the processor to clear the interrupt.
Note: Only the interrupt(s) that are selected with the INT_Clear_L (0x3A) register will be cleared.
Table 17. Vout Set Register, Vout_Set (0x3C)
Address
and Bit
Register Field Name
R/W
Default
Value
Function and Description
0x3C [7:0]
Vout_Set
R/W
0x32
Set the output voltage of the main LDO in 0.1V units. BPP default value: 0x32.
Example: To set Vout to 5.5V, write 0d55 (0x37).
Table 18. ILIM Set Register, ILIM_Set (0x3D)
Address
and Bit
Register Field Name
R/W
Default
Value
Function and Description
0x3D [7:0]
ILIM_Set[7:0]
R/W
0x0F
Main LDO output current limit (by which LDO will behave as a constant current
source) set value. 100mA step, 0.1A-1.3A
0x00-0x0F: ILim = value * 0.1 (A)
Table 19. Battery Charge Status Register, CHG_Status (0x3E)[a]
Address
and Bit
Register Field Name
R/W
Default
Value
Function and Description
0x3E [7:0]
Charge status
R/W
0x00
A WPC charge status packet will be sent based on the following:
0x0 = Reserved
0x1 = Charge status packet sent with parameter = 1 (1%)
0x2 = Charge status packet send with parameter = 2 (2%)
…
0x64 = Charge status packet send with parameter = 100 (100%)
0x65-0xFE = Reserved
0xFF = No battery charge device or not providing charge status packet
[a] After writing to this register, Send Charge Status bit of Command Register (0x4E) needs to be set for transmission to begin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com