Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9222-R Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # P9222-R
Description  Wireless Power Receiver for Low Power Applications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9222-R Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button P9222-R Datasheet HTML 31Page - Renesas Technology Corp P9222-R Datasheet HTML 32Page - Renesas Technology Corp P9222-R Datasheet HTML 33Page - Renesas Technology Corp P9222-R Datasheet HTML 34Page - Renesas Technology Corp P9222-R Datasheet HTML 35Page - Renesas Technology Corp P9222-R Datasheet HTML 36Page - Renesas Technology Corp P9222-R Datasheet HTML 37Page - Renesas Technology Corp P9222-R Datasheet HTML 38Page - Renesas Technology Corp P9222-R Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 58 page
background image
P9222-R/RN Datasheet
© 2019-2022 Renesas Electronics Corporation
35
May 5, 2022
Figure 31. P9222-R/RN Ping Detect Waveforms1
Note: When measuring the PDET_RC node, the probe impedance will alter the timing of PDETB, and this should be accounted for.
Table 9 can be used to select the RC values for the PDET_RC pin.
Table 9.
Recommended RC Values for PDET_RC Components Based on Capacitance and Ping Interval
Ping Interval (s)
R (MΩ)
C (µF)
TPDETB_MIN (s)
TPDETB_MAX (s)
0.55
0.422
2.2
0.66
1.36
0.75
0.59
2.2
0.92
1.89
0.9
0.698
2.2
1.098
2.26
1.2
0.887
2.2
1.38
2.85
0.412
4.7
1.37
2.83
1.4
1.1
2.2
1.71
3.54
0.511
4.7
1.70
3.51
2.2
1.69
2.2
2.64
5.45
0.787
4.7
2.62
5.41
6.5
5.11
2.2
7.95
16.43
2.32
4.7
7.80
16.12
1
R12 = 1MΩ, C15 = 2.2µF, Ch1 = Tx SW Node, Ch2 = PDETB, Ch3 = VRECT, Ch4 = PDET_RC, 25°C, 550ms Ping Interval
T
PDETB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com