Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9222-R Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # P9222-R
Description  Wireless Power Receiver for Low Power Applications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9222-R Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button P9222-R Datasheet HTML 45Page - Renesas Technology Corp P9222-R Datasheet HTML 46Page - Renesas Technology Corp P9222-R Datasheet HTML 47Page - Renesas Technology Corp P9222-R Datasheet HTML 48Page - Renesas Technology Corp P9222-R Datasheet HTML 49Page - Renesas Technology Corp P9222-R Datasheet HTML 50Page - Renesas Technology Corp P9222-R Datasheet HTML 51Page - Renesas Technology Corp P9222-R Datasheet HTML 52Page - Renesas Technology Corp P9222-R Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 58 page
background image
P9222-R/RN Datasheet
© 2019-2022 Renesas Electronics Corporation
49
May 5, 2022
Table 31. Die Temperature ADC Value Registers, ADC_Die_Temp_L (0x66), ADC_Die_Temp_H (0x67)
Address
and Bit
Register Field Name
R/W
Default
Value
Function and Description
0x66 [15:12]
Reserved
R
0x0
Reserved
0x66 [11:0]
ADC_Die_Temp_L
R
0x0
8 LSB of current Die Temperature ADC value. Formula converting ADC value to Die
Temperature in Celsius Degree is:
TDIE = (
DieTemp(adc) * 10/107) - 247
Table 32. Overvoltage Protection Set Register (0xB3, 8-bit)
Address
and Bit
Register Field Name
R/W
Default
Value
Function and Description
0xB3 [7:3]
Reserved
R
0
Reserved.
0xB3 [2:0]
OV Set
R/W
0x02
Set Overvoltage Protection level. The hardware enables an additional DC Load
when Vrect reaches 90% of the set level. The possible combinations are:
0x0 = 17V
0x1 = 20V
0x2 = 15V
0x3 = 13V
0x4-0x7 = 11V
Table 33. ASK Modulation Depth Register (0xB2, 16-bit)
Address
and Bit
Register Field Name
R/W
Default
Value
Function and Description
0xB2 [7]
Reserved
R
0
Reserved.
0xB2 [6]
CM2EN
R/W
0x1
Enable CM2 pin to generate ASK modulation signal.
0xB2 [5]
CMBEN
R/W
0x0
Enable CMB pin to generate ASK modulation signal.
0xB2 [4]
CMAEN
R/W
0x0
Enable CMA pin to generate ASK modulation signal.
0xB2 [3]
CM1EN
R/W
0x1
Enable CM1 pin to generate ASK modulation signal
0xB2 [2:0]
Reserved
R
0
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com