Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9222-R Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # P9222-R
Description  Wireless Power Receiver for Low Power Applications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9222-R Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button P9222-R Datasheet HTML 35Page - Renesas Technology Corp P9222-R Datasheet HTML 36Page - Renesas Technology Corp P9222-R Datasheet HTML 37Page - Renesas Technology Corp P9222-R Datasheet HTML 38Page - Renesas Technology Corp P9222-R Datasheet HTML 39Page - Renesas Technology Corp P9222-R Datasheet HTML 40Page - Renesas Technology Corp P9222-R Datasheet HTML 41Page - Renesas Technology Corp P9222-R Datasheet HTML 42Page - Renesas Technology Corp P9222-R Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
P9222-R/RN Datasheet
© 2019-2022 Renesas Electronics Corporation
39
May 5, 2022
9.3
Overvoltage (OV) Protection Configuration
The wireless charging receivers are vulnerable to external high voltage condition (> 20V) caused by coupling factor changes or other abnormal
behavior of rogue wireless power transmitters. The overvoltage protection function should be carefully configured to protect the receiver from
worst cases. The overvoltage protection limit sets the maximum allowable Vrect voltage. If Vrect reaches the voltage limit (default OV voltage
is 15V), the P9222-R/RN will do the following:
1.
Turn on the internal clamping circuit
2.
Enable an additional DC load when Vrect reaches 90% of the set level
3.
Send an End Power Transfer packet (OV) to TX
The default OV protection limit value can be configured by writing a configuration file into the external EEPROM. The configuration file can be
generated using the P9222-R/RN Windows GUI. For information on how the configuration file can be generated using the P9222-R/RN Windows
GUI, see “VOUT Configuration Change Using an External EEPROM.”
In addition, an external AP can adjust overvoltage protection limit by writing to the OV Set register (0x4C) via the I2C interface.
9.4
FOD (Foreign Object Detection)
When metallic objects are exposed to an alternating magnetic field, eddy currents cause such objects to heat up. Examples of such parasitic
metal objects are coins, keys, paper clips, etc. The amount of heating depends on the strength of the coupled magnetic field, as well as the
characteristics of the object, such as its resistivity, size, and shape. In a wireless power transfer system, the heating manifests itself as a power
loss, and therefore a reduction in power-transfer efficiency. Moreover, if no appropriate measures are taken, the heating could be sufficient that
the foreign object could become heated to an unsafe temperature.
During the power transfer phase (see Power Transfer), the receiver periodically communicates to the transmitter the amount of power received
by means of a Received Power Packet (RPP). The transmitter will compare this power with the amount of power transmitted during the same
time period. If there is a significant unexplained loss of power, then the transmitter will shut off power delivery because a possible foreign object
might be absorbing too much energy.
For a WPC system to perform this function with sufficient accuracy, both the transmitter and receiver must account and compensate for all of
their known losses. Such losses, for example, could be due to resistive losses or nearby metals that are part of the transmitter or receiver.
Because the system accurately measures its power and accounts for all known losses, it can thereby detect foreign objects because they cause
an unknown loss. The WPC specification requires that a power receiver must report to the power transmitter its received power (PPR) in an
RPP. The maximum value of the received power accuracy
������������ΔdependsonthemaximumpowerofthepowerreceiverasdefinedinTable10.
The power receiver must determine its PPR with an accuracy of ±
������������Δ,andreportitsreceivedpowerasPRECEIVED=PPR+������������Δ.Thismeans
that the reported received power is always greater than or equal to the transmitted power (PPT) if there is no foreign object (FO) present on the
interface surface.
Table 10. Recommended Maximum Estimated Power Loss
Maximum Power (W)
Maximum
������������Δ(mW)
5
350
The compensation algorithm includes values that are programmable via either the I2C interface or OTP bits. Programmability is necessary so
that the calibration settings can be optimized to match the power transfer characteristics of each particular WPC system to include the power
losses of the transmit and receive coils, battery, shielding, and case materials under no-load to full-load conditions. The values are based on
the comparison of the received power against a reference power curve so that any foreign object can be sensed when the received power is
different than the expected system power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com