Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9222-R Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # P9222-R
Description  Wireless Power Receiver for Low Power Applications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9222-R Datasheet(HTML) 2 Page - Renesas Technology Corp

  P9222-R Datasheet HTML 1Page - Renesas Technology Corp P9222-R Datasheet HTML 2Page - Renesas Technology Corp P9222-R Datasheet HTML 3Page - Renesas Technology Corp P9222-R Datasheet HTML 4Page - Renesas Technology Corp P9222-R Datasheet HTML 5Page - Renesas Technology Corp P9222-R Datasheet HTML 6Page - Renesas Technology Corp P9222-R Datasheet HTML 7Page - Renesas Technology Corp P9222-R Datasheet HTML 8Page - Renesas Technology Corp P9222-R Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 58 page
background image
P9222-R/RN Datasheet
© 2019-2022 Renesas Electronics Corporation
2
May 5, 2022
Figure 2. P9222-R/RN Block and Application Diagram
LRX
CCM1
CM1
AC1
AC2
CMA
CCMA
Communication
Drivers
Synchronous
Rectifier Control
Logic
LDO Driver &
Control
ARM M0
Microprocessor
OD0
OD1
GP1
GP2
Output
Output
Current
Sense
COUTPUT
GPOD
Interface
12 Bit
ADC
PGND
Analog to Digital Interface
IOUTSNS
IOUTSNS
Internal
Temperature
Sense
VRECT
/EN
/INT
Timers &
Counters
16 kB OTP
2kB RAM
Frequency
Detector
Analog Core:
Bias
OSC
LDO 1.8V
LDO 5V
Charge Pumps
LDO1P8
CLDO1P8
CBST1
BST1
BST2
CBST2
GP0
CCM2
CCMB
CM2
CMB
VRECT
VOUT
OVP Protection
LDO5P0
CLDO5P0
SCL
SDA
OD2
/EN
PGND
I2C
Interface
PDETB
PDET_RC
CPDET_C
RPDET_R
Ping
Detection
Circuitry
/INT
CVRECT
CS
CD
GPIO0
OD2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com