Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9222-R Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # P9222-R
Description  Wireless Power Receiver for Low Power Applications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9222-R Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button P9222-R Datasheet HTML 9Page - Renesas Technology Corp P9222-R Datasheet HTML 10Page - Renesas Technology Corp P9222-R Datasheet HTML 11Page - Renesas Technology Corp P9222-R Datasheet HTML 12Page - Renesas Technology Corp P9222-R Datasheet HTML 13Page - Renesas Technology Corp P9222-R Datasheet HTML 14Page - Renesas Technology Corp P9222-R Datasheet HTML 15Page - Renesas Technology Corp P9222-R Datasheet HTML 16Page - Renesas Technology Corp P9222-R Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
P9222-R/RN Datasheet
© 2019-2022 Renesas Electronics Corporation
13
May 5, 2022
Symbol
Description
Conditions
Minimum
Typical
Maximum
Unit
Analog-to-Digital Converter
N
Resolution
12
Bit
fSAMPLE
Sampling Rate
67.5
kSa/s
Channel
Number of Channels
8
#
VIN,FS
Full Scale Input
Voltage[e]
2.1
V
Thermal Shutdown
TSD
Thermal Shutdown[f]
Threshold rising
140
°C
Threshold falling
120
°C
Clock
fCLOCK_60
Clock Frequency
54
60
66
MHz
General Purpose Push-Pull Inputs/Outputs (GP0, GP1, /EN)
VIH_GP
Input High Level
1.4
V
VIL_GP
Input Low Level
0.5
V
ILKG_GP
Input Leakage Current
0V and 1.8V
-1
+1
µA
VOH_GP
Output Logic High
IOH = 4mA, 8mA total
1.44
V
VOL_GP
Output Logic Low
IOL = 8mA
0.36
V
SCL, SDA (OD0, OD1) and General Purpose Open Drain Inputs/Outputs (OD2, OD3, /INT)
VIH_OD
Input High Level[g]
1.4
V
VIL_OD
Input Low Level[g]
0.7
V
ILKG_OD
Input Leakage Current
V = 0V and 5V (1.8V for /INT)
-1
+1
µA
VOL_OD
Output Logic Low
IOL = 8mA
0.36
V
Ping Detection
VPDET_RC_IH
Input High Level
PDET_RC pin ≥ VPDET_RC_IH for
PDET_B pin to be pulled-low.
2.2
V
VPDET_RC_IL
Input Low Level
PDET_RC pin ≤ VPDET_RC_IL for
PDET_B pin to be pulled-high (external
pull-up required).
0.5
V
IPDET_RC_LKG
PDET_RC Leakage
VVRECT = 0V and VVRECT = 5.5V
-1
+1
μA
VPDETB_OL
Output Logic Low
IOL = 1mA
0.36
V
SCL, SDA (I2C Interface OD0, OD1)
fSCL
Clock Frequency
400
kHz
tHD_STA
Hold Time (Repeated)
for START Condition
0.6
µs
tHD_DAT
Data Hold Time
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com