Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9222-R Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # P9222-R
Description  Wireless Power Receiver for Low Power Applications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9222-R Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button P9222-R Datasheet HTML 29Page - Renesas Technology Corp P9222-R Datasheet HTML 30Page - Renesas Technology Corp P9222-R Datasheet HTML 31Page - Renesas Technology Corp P9222-R Datasheet HTML 32Page - Renesas Technology Corp P9222-R Datasheet HTML 33Page - Renesas Technology Corp P9222-R Datasheet HTML 34Page - Renesas Technology Corp P9222-R Datasheet HTML 35Page - Renesas Technology Corp P9222-R Datasheet HTML 36Page - Renesas Technology Corp P9222-R Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 58 page
background image
P9222-R/RN Datasheet
© 2019-2022 Renesas Electronics Corporation
33
May 5, 2022
8.6 GPIO Pins
The P9222-R/RN has general-purpose input output (GPIO) pins for custom applications. The OD0-OD2 and GP0-GP2 pins are all multi-
functional. In addition, OD0-OD2 have an open-drained structure and GP0-GP2 have a push-pull structure.
8.6.1 OD0 Pin
The OD0 pin has a digital function open-drain structure. It is assigned to SCL of I2C function for the serial interface between the AP and the
P9222-R/RN. An external pull-up register on the SCL line is required for I2C communication. OD0 can operate up to 5V.
8.6.2 OD1 Pin
The OD1 pin has a digital function open-drain structure. It is assigned to SDA of I2C function for the serial interface between the AP and the
P9222-R/RN. An external pull-up register on the SDA line is required for I2C communication. OD1 can operate up to 5V.
8.6.3 OD2 Pin
The OD2 pin is connected to the internal ADC and can measure voltage levels smaller than 1.2V. The register address is 0xD4 with 16-bit long
data. The value is always in ADC counts and therefore must be converted to the desired units. For the conversion is:
AdcResult[0] * 2100 / 4096 = Voltage on OD2 in mV
The OD2 absolute maximum voltage rating is 2V. Care should be taken that the OD2 pin level is always below 2V. If the ADC function is not
used, this pin can be left floating.
8.6.4 GP0 Pin
The GP0 pin is connected to the internal ADC and can measure external temperature on either the receiver coil or the PCB with an external
thermistor circuit.
The P9222-R/RN sends interrupts to the AP if the temperature reaches the threshold level (0.6V default, configurable) to allow the AP an
opportunity to reduce the temperature in order to prevent power transfer interruptions.
Figure 28. GP0 Pin External Connection to Thermistor Configuration
If external temperature sensing is not used, pull this pin to 1.8V (LDO1P8) with a resistor.
8.6.5 GP1 Pin
The GP1 pin is connected to the internal ADC and can measure the voltage smaller than 1.8V. The register address is 0xD6 with 16-bit long
data. The value is always in ADC counts and therefore must be converted to the desired units. For the conversion is:
AdcResult[1] * 2100 / 4096 = Voltage on GP1 in mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com