Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9222-R Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # P9222-R
Description  Wireless Power Receiver for Low Power Applications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9222-R Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button P9222-R Datasheet HTML 10Page - Renesas Technology Corp P9222-R Datasheet HTML 11Page - Renesas Technology Corp P9222-R Datasheet HTML 12Page - Renesas Technology Corp P9222-R Datasheet HTML 13Page - Renesas Technology Corp P9222-R Datasheet HTML 14Page - Renesas Technology Corp P9222-R Datasheet HTML 15Page - Renesas Technology Corp P9222-R Datasheet HTML 16Page - Renesas Technology Corp P9222-R Datasheet HTML 17Page - Renesas Technology Corp P9222-R Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 58 page
background image
P9222-R/RN Datasheet
© 2019-2022 Renesas Electronics Corporation
14
May 5, 2022
Symbol
Description
Conditions
Minimum
Typical
Maximum
Unit
tLOW
Clock Low Period
1.3
µs
tHIGH
Clock High Period
0.6
µs
tSU_STA
Set-up Time for
Repeated START
Condition
0.6
µs
tBUF
Bus Free Time Between
STOP and START
Condition
1.3
µs
CB
Capacitive Load for
each Bus Line
150
pF
CI
SCL, SDA Input
Capacitance
5
pF
VIL_I2C
Input Low Level
0.7
V
VIH_I2C
Input High Level
1.4
V
ILKG_I2C
Input Leakage Current
V = 0V and 5V
-1
+1
µA
VOL_I2C
Output Logic Low
IOL= 8mA
0.36
V
[a] VRECT can be as high as 18V but the device “Electrical Characteristics” table limits are not guaranteed under this condition.
[b] Full power transfer might not occur at the minimum VRECT operating specification.
[c] Not 100% production tested. Guaranteed by design.
[d] For internal biasing only; can be used for weak pull-ups or EEPROM power (not to exceed 10mA total).
[e] Any open-drain GPIO (OD2) that is connected to the ADC should remain below 2.1V to prevent saturation of the ADC.
[f] The internal temperature is monitored, and the P9222-R/RN is temporarily deactivated if the temperature exceeds the thermal shutdown limit of
140°C typically. The P9222-R/RN is reactivated when the temperature falls below the thermal shutdown hysteresis (20°C typically).
[g] The pull-up voltage level can be connected to LDO5P0 (5V) or LDO1P8 (1.8V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com