Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9222-R Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # P9222-R
Description  Wireless Power Receiver for Low Power Applications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9222-R Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button P9222-R Datasheet HTML 18Page - Renesas Technology Corp P9222-R Datasheet HTML 19Page - Renesas Technology Corp P9222-R Datasheet HTML 20Page - Renesas Technology Corp P9222-R Datasheet HTML 21Page - Renesas Technology Corp P9222-R Datasheet HTML 22Page - Renesas Technology Corp P9222-R Datasheet HTML 23Page - Renesas Technology Corp P9222-R Datasheet HTML 24Page - Renesas Technology Corp P9222-R Datasheet HTML 25Page - Renesas Technology Corp P9222-R Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 58 page
background image
P9222-R/RN Datasheet
© 2019-2022 Renesas Electronics Corporation
22
May 5, 2022
6. Bi-directional User Data Communication
Note: The default firmware supports bi-directional user data communication.
In customer-end systems, the transmitter and receiver boards must have an external microcontroller (MCU) or leverage an existing
application processor to orchestrate bi-directional communication. Using the I2C communication, the MCU on the receiver board must load
the data into specific registers and trigger the communication. The P9222-R/RN sends the data to the P9235-RB using amplitude-shift keying
(ASK) modulation. The P9235-RB will receive the data and interrupt the MCU on the transmitter when the data is ready to be read. The
external MCU on the transmitter follows the same procedure to send the data to the P9222-R/RN. When new data is available to be read, the
P9222-R/RN will interrupt the external MCU on the receiver board.
Bi-directional user data communication is enabled only in the power transfer phase for the WPC standard. The external MCU on the receiver
board can read register 0x4C (bit 0) to determine whether the P9222-R/RN is in the power transfer phase.
See Figure 19 for a state diagram that shows the procedure that the external MCU on the receiver board must follow to send the user data
from the P9222-R/RN to the P9235-RB as described in “Transferring Data from the P9222-R/RN to the P9235-RB.” See Figure 20 for a state
diagram that shows the procedure that the external MCU must follow to read the data sent by the P9235-RB as described in “Reading Data
Sent from the P9235-RB to the
”.
6.1 Transferring Data from the P9222-R/RN to the P9235-RB
The external MCU on the receiver board should read bit 5 in register 0x4C to determine the status of the communication channel before initiating
a new transfer. If the communication channel is free, bit 5 in register 0x4E is 0. If the communication channel is busy, bit 5 in register 0x4E is
set to 1. The P9222-R/RN receiver supports sending up to 7 bytes of user data. The external MCU on the receiver should write the data that it
will send to the transmitter into the Outgoing User Data Registers (0x51 to 0x57) and set the Data Header register (0x50) accordingly.
Table 6.
Registers Used for Data Transmission from P9222-R/RN to P9235-RB
Register Name
Register Address
Command Register
0x4E
Data Header Register
0x50
Outgoing User Data Registers
0x51 to 0x57 (7 bytes)
System Mode register
0x4C
Power Transfer Phase Indicator
0x4C (bit 0)
The external MCU on the receiver should set bit 0 in the Command register 0x4E to 1b to trigger the communication after loading the user
data into the outgoing data registers and setting the data header for the correct number of bytes. If the receiver is sending 1 byte, 2 bytes,
and 3 bytes in the outgoing register, then the user would set the header register to 0x18, 0x28, and 0x38, respectively. After receiving the
communication trigger from the control register, the P9222-R/RN reads the data header register and outgoing data registers and constructs a
proprietary communication packet with a packet checksum. The communication packet is sent into the channel between two Control Error
Packets (CEP) using ASK modulation.
Figure 17 shows the timing diagram for the user data transfer from the P9222-R/RN to the P9235-RB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com