Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9222-R Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # P9222-R
Description  Wireless Power Receiver for Low Power Applications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9222-R Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button P9222-R Datasheet HTML 3Page - Renesas Technology Corp P9222-R Datasheet HTML 4Page - Renesas Technology Corp P9222-R Datasheet HTML 5Page - Renesas Technology Corp P9222-R Datasheet HTML 6Page - Renesas Technology Corp P9222-R Datasheet HTML 7Page - Renesas Technology Corp P9222-R Datasheet HTML 8Page - Renesas Technology Corp P9222-R Datasheet HTML 9Page - Renesas Technology Corp P9222-R Datasheet HTML 10Page - Renesas Technology Corp P9222-R Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
P9222-R/RN Datasheet
© 2019-2022 Renesas Electronics Corporation
7
May 5, 2022
1. Pin Information
1.1 Pin Assignments
Figure 3. Pin Assignments for 40-WLCSP (AZG40), 2.28 × 3.38 mm with 0.4mm Pitch – Top View
CM1
CMA
LDO5P0
VOUT
VRECT
GP1
GP2
VOUT
VRECT
AC1
PGND
GP0
OD0
VOUT
PDETB
OD1
/INT
/EN
VOUT
AC2
CM2
CMB
LDO1P8
VRECT
BST2
A
B
C
D
E
F
1
2
3
4
5
BST1
AC1
PDET_RC
AC2
AC2
G
AC1
PGND
PGND
PGND
PGND
H
PGND
CM1
CMA
LDO5P0
VOUT
VRECT
OD2
GP1
GP2
VOUT
VRECT
AC1
PGND
GP0
OD0
VOUT
PDETB
OD1
/INT
/EN
VOUT
AC2
CM2
CMB
LDO1P8
VRECT
BST2
A
B
C
D
E
F
1
2
3
4
5
BST1
AC1
PDET_RC
AC2
AC2
G
AC1
PGND
PGND
PGND
PGND
H
PGND
P9222-R/ P9222-RN CSP (Ball View)
VRECT
VRECT
VRECT
VRECT
OD2
P9222-R/ P9222-RN CSP (Top View)
VOUT
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com