Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9222-R Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # P9222-R
Description  Wireless Power Receiver for Low Power Applications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9222-R Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button P9222-R Datasheet HTML 33Page - Renesas Technology Corp P9222-R Datasheet HTML 34Page - Renesas Technology Corp P9222-R Datasheet HTML 35Page - Renesas Technology Corp P9222-R Datasheet HTML 36Page - Renesas Technology Corp P9222-R Datasheet HTML 37Page - Renesas Technology Corp P9222-R Datasheet HTML 38Page - Renesas Technology Corp P9222-R Datasheet HTML 39Page - Renesas Technology Corp P9222-R Datasheet HTML 40Page - Renesas Technology Corp P9222-R Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 58 page
background image
P9222-R/RN Datasheet
© 2019-2022 Renesas Electronics Corporation
37
May 5, 2022
9. Examples of User Customizing P9222-R/RN Operating Parameters
9.1
LDO Output Voltage (VOUT) Configuration
The default VOUT voltage of the P9222-R/RN is 5.0V. The user can change the default Vout voltage in accordance with specific user design
requirements and store the modified configuration in the external EEPROM, or an external AP can adjust VOUT voltage continuously via the
I2C interface. In addition, an external MCU can continuously read the battery voltage and change VOUT to lower the losses in the battery
charger to optimize the total system efficiency. The P9222-R/RN configurable Vout voltage range is from 3.5V to 12V.
9.1.1 VOUT Adjustment via the I2C Interface
The P9222-R/RN output voltage can be changed by writing to the Vout_Set register (0x3C). The P9222-R/RN firmware reads the internal
register value in regular time base and updates the Vout voltage. The output voltage can be incremented in steps of 100mV.
������������������������������������������������������������������������������������������������������������������������������������������������������������(������������������������������������������������)=������������������������������������������������������������������������������������������������������������������������������������������������������������������������������������������������������������������������������������������������������������������������������������������������������������������������������������∗������������.������������(������������)
Equation 4
To change the 0x3C register using the P9222-R/RN Windows GUI, go to the VOUT voltage box in the GUI “Basic” tab (see Figure 32).
Figure 32. Writing to the Vout_Set Register using P9222-R/RN Windows GUI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com