Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9222-R Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # P9222-R
Description  Wireless Power Receiver for Low Power Applications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9222-R Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button P9222-R Datasheet HTML 40Page - Renesas Technology Corp P9222-R Datasheet HTML 41Page - Renesas Technology Corp P9222-R Datasheet HTML 42Page - Renesas Technology Corp P9222-R Datasheet HTML 43Page - Renesas Technology Corp P9222-R Datasheet HTML 44Page - Renesas Technology Corp P9222-R Datasheet HTML 45Page - Renesas Technology Corp P9222-R Datasheet HTML 46Page - Renesas Technology Corp P9222-R Datasheet HTML 47Page - Renesas Technology Corp P9222-R Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 58 page
background image
P9222-R/RN Datasheet
© 2019-2022 Renesas Electronics Corporation
44
May 5, 2022
Table 15. Interrupt Enable Registers, INT_Enable_L (0x38), INT_Enable_H (0x39)
Address
and Bit
Register Field Name
R/W
Default
Value
Function and Description
0x38 [6]
VRECTON_EN
R/W
0x1
AC power applied and stable interrupt enable.
0x38 [5]
TX Data Received
R/W
0x0
0 = Disable the interrupt.
1 = AP writes 1 to enable the interrupt from Interrupt Registers’ corresponding bit.
0x38 [4]
Over voltage
R/W
0x1
0 = Disable the interrupt.
1 = AP writes 1 to enable the interrupt from Interrupt Registers’ corresponding bit.
0x38 [3]
Over current
R/W
0x1
0 = Disable the interrupt.
1 = AP writes 1 to enable the interrupt from Interrupt Registers’ corresponding bit.
0x38 [2]
Over temperature
R/W
0x1
0 = Disable the interrupt.
1 = AP writes 1 to enable the interrupt from Interrupt Registers’ corresponding bit.
0x38 [1]
Reserved
R
0x0
Reserved
0x38 [0]
Mode Changed
R/W
0x0
0 = Disable the interrupt.
1 = AP writes 1 to enable the interrupt from Interrupt Registers’ corresponding bit.
0x39 [7:0]
Reserved
R
0x00
Reserved
Table 16. Interrupt Clear Registers, INT_Clear_L (0x3A), INT_Clear_H (0x3B)
Address
and Bit
Register Field Name
R/W
Default
Value
Function and Description
0x3A [6]
VRECTON_CLR
R/W
0x0
AC power applied and stable interrupt clear.
0x3A [5]
TX Data Received
R/W
0x0
AP writes 1 to clear the corresponding Interrupt Registers’ bit. This bit is
self-cleared to 0 (by M0) afterward.
0x3A [4]
Over voltage
R/W
0x0
AP writes 1 to clear the corresponding Interrupt Registers’ bit. This bit is
self-cleared to 0 (by M0) afterward.
0x3A [3]
Over current
R/W
0x0
AP writes 1 to clear the corresponding Interrupt Registers’ bit. This bit is
self-cleared to 0 (by M0) afterward.
0x3A [2]
Over temperature
R/W
0x0
AP writes 1 to clear the corresponding Interrupt Registers’ bit. This bit is
self-cleared to 0 (by M0) afterward.
0x3A [1]
Reserved
R
0x0
Reserved.
0x3A [0]
Stat_Mode_Changed
R/W
0x0
AP writes 1 to clear the corresponding Interrupt Registers’ bit. This bit is
self-cleared to 0 (by M0) afterward.
0x3B [7:0]
Reserved
R
0x00
Reserved
Clearing all interrupts:
Clear all the interrupts that were generated using the INT_Clear_L (0x3A) and COM (0x4E) registers:
1. Write 0xFF to the INT_Clear_L (0x3A) register.
2. Write 0x20 to the COM (0x4E) register (set bit 5) to instruct the processor to clear the interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com