Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9222-R Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # P9222-R
Description  Wireless Power Receiver for Low Power Applications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9222-R Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button P9222-R Datasheet HTML 21Page - Renesas Technology Corp P9222-R Datasheet HTML 22Page - Renesas Technology Corp P9222-R Datasheet HTML 23Page - Renesas Technology Corp P9222-R Datasheet HTML 24Page - Renesas Technology Corp P9222-R Datasheet HTML 25Page - Renesas Technology Corp P9222-R Datasheet HTML 26Page - Renesas Technology Corp P9222-R Datasheet HTML 27Page - Renesas Technology Corp P9222-R Datasheet HTML 28Page - Renesas Technology Corp P9222-R Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 58 page
background image
P9222-R/RN Datasheet
© 2019-2022 Renesas Electronics Corporation
25
May 5, 2022
6.2 Reading Data Sent from the P9235-RB to the P9222-R/RN
The P9222-R/RN can receive 7 bytes of information at a time. When the P9222-R/RN receives the data from the P9235-RB, it will generate an
interrupt to the external MCU on the receiver by pulling down the interrupt pin, INT. Because interrupts can be generated for multiple reasons,
the MCU can respond to the data received interrupt and read the data received flag in bit 5 of System Interrupt register 0x36 and bit 5 of System
Status register 0x34, respectively, to confirm that the interrupt is generated because of new incoming data. After confirming that new data is
available to read, the external MCU can read incoming header register (0x57) and user data registers (0x58 to 0x5F).
Table 7.
Registers Used for Reading User Data from the P9235-RB
Register Name
Register Address
Command Register
0x4E
System Status Register
0x34
System Interrupt Register
0x36
Interrupt Enable Register
0x38
Interrupt Clear Register
0x3A
Clear Interrupt Events
0x4E (bit 5 set to 1)
Header Register
0x57
User Incoming Data Registers
0x58 to 0x5F (7 bytes)
Note: TX Data Received Interrupt Enable Register 0x38 bit 5 is disabled by default.
After reading the data, the external MCU on the receiver should clear the interrupt by writing 1 to bit 5 in Interrupt Clear Register 0x3A, which
clears the data received interrupt and data received flag. Afterwards, bit 5 in the Command Register (0x4E) should be set to 1b to instruct the
processor to clear the interrupt events. If the interrupt event is not cleared, the P9222-R/RN will reject new incoming data because old data was
not read by the MCU on the receiver. The user can implement a higher-level handshaking protocol between the external MCU on the transmitter
and the receiver to avoid data corruption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com