Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9222-R Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # P9222-R
Description  Wireless Power Receiver for Low Power Applications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9222-R Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button P9222-R Datasheet HTML 4Page - Renesas Technology Corp P9222-R Datasheet HTML 5Page - Renesas Technology Corp P9222-R Datasheet HTML 6Page - Renesas Technology Corp P9222-R Datasheet HTML 7Page - Renesas Technology Corp P9222-R Datasheet HTML 8Page - Renesas Technology Corp P9222-R Datasheet HTML 9Page - Renesas Technology Corp P9222-R Datasheet HTML 10Page - Renesas Technology Corp P9222-R Datasheet HTML 11Page - Renesas Technology Corp P9222-R Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
P9222-R/RN Datasheet
© 2019-2022 Renesas Electronics Corporation
8
May 5, 2022
1.2 Pin Descriptions
Table 1.
Pin Descriptions
Pin Number
Name
Type
Description
A1
CM1
Output
High-voltage, open-drain output from the modulation FETs. Connect a 47nF capacitor from AC1
to CM1.
A2
OD2
Input/Output
Open-drain GPIO. This pin is connected to the internal ADC and can measure voltages smaller
than 1.2V. This pin can be left floating if not used.
A3
OD0/SCL
Input/Output
Open-drain GPIO. This pin supports an input of up to 5V, and is used for the I2C SCL
connection. Connect this pin via a pull-up resistor to the system I/O supply. This pin can be left
floating if not used.
A4
OD1/SDA
Input/Output
Open-drain GPIO. This pin supports an input of up to 5V, and is used for the I2C SDA
connection. Connect this pin via a pull-up resistor to the system I/O supply. This pin can be left
floating if not used.
A5
CM2
Output
High-voltage, open-drain output from the modulation FETs. Connect a 47nF capacitor from AC2
to CM2.
B1
CMA
Output
High-voltage, open-drain output from the modulation FETs. By default, CMA capacitor is not
used for communication. This pin can be left floating if not used.
B2
GP1/ADC
IN
Input/Output
GPIO1. Pin is connected to internal ADC and can measure system voltage smaller than 1.8V.
During startup this pin is set as a high-impedance. This pin can be left floating if not used.
B3, H1-H5
PGND
GND
Power and logic ground.
B4
/INT
Output
Interrupt output pin. Connect this pin to the application processor (AP) I/O voltage rail using an
external pull-up resistor. The P9222-R/RN drives this pin LOW to notify the AP host of status
changes.
B5
CMB
Output
High-voltage, open-drain modulation FETs. By default, CMB capacitor is not used for
communication. This pin can be left floating if not used.
C1
LDO5P0
Output
Internal 5V LDO for chip power only. Connect a 1µF and 0.1µF capacitor to ground.
C2
GP2
Input
GPIO2. If this pin is pulled high to the internal 1.8V LDO (LDO1P8) using a 10K resistor, the
P9222-R/RN becomes an I2C master during startup to load 100 bytes of user configuration from
external EEPROM. If this pin is pulled to ground, the P9222-R/RN loads the default configuration
from the internal OTP.
C3
GP0/
Thermistor
Input/Output
GPIO0. This pin can be used to measure coil temperature. The P9222-R/RN interrupts the
processor when the coil voltage goes below 0.6V. During the startup this pin is set as a high-
impedance. Pull this pin to 1.8V with a resistor if not used.
C4
/EN
Input
Active-LOW enable pin. To enable the P9222-R/RN, pull this pin to GND. To disable the P9222-
R/RN, pull this pin High.
C5
LDO1P8
Output
Internal 1.8V LDO output for logic power. Connect a 1µF and 0.1µF capacitor to ground.
D1-D5
VOUT
Output
Main LDO output pin. Connect at least a 1×10µF capacitor from this pin to ground. It is not
recommended to directly connect the USB charging port or other voltage sources to these pins.
Back-to-back isolation FETs are recommended.
E1-E5
VRECT
Input/Output
Filter capacitor for the internal rectifier. Capacitance requirements: Connect 2×10µF and
1×0.1µF capacitors in parallel from this pin to ground.
F1
BST1
Output
Bootstrap capacitor for driving the high side NFETs of the internal rectifier. Connect a 15nF
capacitor from AC1 to BST1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com