Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9222-R Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # P9222-R
Description  Wireless Power Receiver for Low Power Applications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9222-R Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button P9222-R Datasheet HTML 7Page - Renesas Technology Corp P9222-R Datasheet HTML 8Page - Renesas Technology Corp P9222-R Datasheet HTML 9Page - Renesas Technology Corp P9222-R Datasheet HTML 10Page - Renesas Technology Corp P9222-R Datasheet HTML 11Page - Renesas Technology Corp P9222-R Datasheet HTML 12Page - Renesas Technology Corp P9222-R Datasheet HTML 13Page - Renesas Technology Corp P9222-R Datasheet HTML 14Page - Renesas Technology Corp P9222-R Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 58 page
background image
P9222-R/RN Datasheet
© 2019-2022 Renesas Electronics Corporation
11
May 5, 2022
Table 4.
ESD Information
Test Model
Pins
Ratings
Unit
Human Body Model (HBM)
All pins.
±2000
V
Charged-Device Model (CDM)
All pins.
±500
V
2.3 Electrical Characteristics
Table 5.
Electrical Characteristics
See important notes at the end of the table. VVRECT = 5.5V[a], EN
����=0V,andCOUT=10μFunlessotherwisenoted.TJ=-10°Cto125°C.Typical
values are at 25°C.
Symbol
Description
Conditions
Minimum
Typical
Maximum
Unit
VRECT and Under-Voltage Lock-Out
VRECT
VRECT Operating
Voltage[a][b]
3.5
5.5
12.5
V
VUVLO_RISING
UVLO Rising
Rising voltage on VRECT pin
2.5
2.8
V
VUVLO_FALLING
UVLO Falling
Falling voltage on VRECT pin
2.1
2.3
V
VUVLO_HYS
UVLO Hysteresis
Falling hysteresis voltage on VRECT pin
100
200
300
mV
Over-Voltage Protection
VOVP
Over-Voltage Protection
OVP rising voltage on VRECT pin
(default, programmable)
14
15
16
V
VOVP-HYS
Over-Voltage Hysteresis
1
V
VPRE-CLAMP
Pre-Clamp Over-Voltage
Protection
Pre-clamp, rising voltage on the VRECT
pin
(Default, programmable), VMLDO = 5V
12
V
IPRE_CLAMP_RNG
Pre-Clamp Current
Range[c]
Programmable
0
137
mA
IPRE_CLAMP_STEP
Step Size
7
mA
IPRE_CLAMP
Set Point
VRECT = 10V, IPRE_CLAMP_SET_POINT = 109mA
110
mA
Quiescent Current
IRECT-IDDQ
IRECT Quiescent
Current[c]
No external load on VRECT, LDO5P0,
and LDO1P8 pins; rectifier not switching;
firmware loaded
8
mA
IRECT-DIS
IRECT Disable Current
No external load on VRECT, LDO5P0,
LDO1P8; /EN = 1.8V; firmware loaded;
rectifier not switching
2
mA
Main Low-Drop-Out (MLDO) Regulator (VOUT)
IMLDO_LMT_ACC
Current Limit Accuracy
Current Limit = 0.5A
-3
3
%
IMLDO_LMT_RNG
Current Limit Range
Programmable
0.35
1.5
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com