Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9222-R Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # P9222-R
Description  Wireless Power Receiver for Low Power Applications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9222-R Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button P9222-R Datasheet HTML 15Page - Renesas Technology Corp P9222-R Datasheet HTML 16Page - Renesas Technology Corp P9222-R Datasheet HTML 17Page - Renesas Technology Corp P9222-R Datasheet HTML 18Page - Renesas Technology Corp P9222-R Datasheet HTML 19Page - Renesas Technology Corp P9222-R Datasheet HTML 20Page - Renesas Technology Corp P9222-R Datasheet HTML 21Page - Renesas Technology Corp P9222-R Datasheet HTML 22Page - Renesas Technology Corp P9222-R Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 58 page
background image
P9222-R/RN Datasheet
© 2019-2022 Renesas Electronics Corporation
19
May 5, 2022
5.4 Power Transfer
Once the “identification and configuration” phase is completed then the transmitter initiates the power transfer mode. The P9222-R/RN control
circuit measures the rectifier voltage, sends CEPs to the transmitter to adjust the rectifier voltage to the level required to maximize the efficiency
of the linear regulator, and sends Received Power Packets (RPPs) to notify the Tx of the current for foreign object detection (FOD) to guarantee
safe, efficient power transfer. For more information about WPC-compliant power transfer, see “WPC-Compliant Power Transfer.”
5.5 Synchronous Rectifier
The efficiency of the full-bridge rectifier in the P9222-R/RN is increased by operating in full synchronous rectifier mode. The rectifier is comprised
of four self-driven switches that work in a full synchronous mode of operation when the load is higher than a programmable level (typically
150mA for BPP operation). Below that threshold, the rectifier works in half-synchronous rectification mode. At power-up, when the voltage is
below the UVLO threshold, the rectifier functions by using the body diodes associated with the NMOS transistors. The BST capacitors are used
to provide power to drive the gates of the high-side NMOS switches.
5.6 Over-Voltage Protection
In the event that the input voltage increases above 15V (default setting), the Rx sends control error packets to the transmitter in an attempt to
bring the rectifier voltage back to a safe operating voltage level while simultaneously clamping the incoming energy using the internal high
voltage OVP FET for VRECT over-voltage clamping control. The clamp is released when the VRECT voltage falls below the VOVP hysteresis
falling level. The P9222-R/RN also sends interrupts to the application processor (AP) when the over-voltage event occurs.
5.7 Over-Current Protection and Thermal Shutdown
The P9222-R/RN uses over-current and thermal protection by sending an interrupt to the AP to notify the host controller if the output current or
die temperature has exceeded the operating limits. In the event that an overcurrent condition exists, the interrupt is sent to the AP with the
expectation that it will respond by reducing the output consumption being drawn from the P9222-R/RN. If the overcurrent condition persists and
is not corrected, then P9222-R/RN die temperature increases can be expected. In the event that the die temperature exceeds the thermal
shutdown level, an End Power Transfer packet is sent to the transmitter to terminate power transfer and protect the P9222-R/RN from thermal
stress. The current limit level is programmable. The P9222-R/RN sends interrupts to the AP if the current limit is reached or the die temperature
reaches elevated levels to allow the AP an opportunity to reduce the load current in order to prevent power transfer interruptions.
5.8 External Temperature Sensing
The P9222-R/RN includes an optional temperature sense input pin on GP0. It is used to monitor a remote temperature, such as on an Rx coil
or a PC board using an external thermistor circuit shown in Figure 15.
The GP0 pin voltage can be calculated using the following equation,
������������_������������������������������������=������������_������������������������������������������������������������������������× ������������������������������������������������������������������������+������������������������������������
Equation 1
where NTC is the thermistor’s resistance (RTH1) and R21 is the pull-up resistor connected to the 1.8V (LDO1P8) supply voltage on the
P9222-R/RN Evaluation Board. The over-temperature interrupt is triggered if the voltage on the GP0 pin is lower than 0.6V. The RTH1 is not
populated on the P9222-R/RN Evaluation Board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com