Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9221-R3 Datasheet (PDF) - Renesas Technology Corp

P9221-R3 Datasheet PDF - Renesas Technology Corp
Part # P9221-R3
Download  P9221-R3 Download
File Size   1685.3 Kbytes
Page   46 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 15W Wireless Charging Receiver with Bi-directional Data Communication

P9221-R3 Datasheet (PDF)

Go To PDF Page Download Datasheet
P9221-R3 Datasheet PDF - Renesas Technology Corp

Part # P9221-R3
Download  P9221-R3 Click to download

File Size   1685.3 Kbytes
Page   46 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 15W Wireless Charging Receiver with Bi-directional Data Communication

P9221-R3 Datasheet (HTML) - Renesas Technology Corp


P9221-R3 Product details

Description
The P9221-R3 is a high efficiency 15W magnetic induction wireless
power receiver with in-band, bi-directional data communication with
no additional circuitry. The communication channel can be used for
proprietary device authentication and secure system data transfer.
The P9221-R3 integrates a 32-bit ARM® Cortex® -M0 processor*,
low-RDS(ON) synchronous rectifier, and ultra-low dropout regulator making it ideal for high-efficiency, space-constrained receiver
applications. The device features a programmable output voltage,
current limitation, and foreign-object detection (FOD) settings. An
I2C serial interface allows reading information such as voltage,
current, and fault conditions. The device also features a patented
over-voltage protection scheme eliminating the need for additional
capacitors, which can minimize the external component count and
cost. Combined with the P9242-R3 transmitter, the P9221-R3
forms a complete wireless power system solution for 15W applications with bi-directional communication.
TheP9221-R3 is provided in a 52-WLCSPpackage (2.643.94 mm,
0.4mm pitch), and it is rated for a 0 to 85°C ambient operating temperature range.

Features
 Supports bi-directional data communication
 Enables authentication and system data transfer
 Single-chip solution supporting applications with up to 15W
 Patented over-voltage protection clamp eliminating external
capacitors
 87% peak DC-to-DC efficiency when combined with the IDT
P9242-R3
 Programmable output voltage and current limit
 Embedded 32-bit ARM® Cortex®-M0 processor
 Dedicated remote temperature sensing
 Standard device compliant with WPC-1.2 specification
 Supports I2C interface
 0 to +85°C ambient operating temperature range
 WLCSP 2.64  3.94 mm, 52-WLCSP package




Similar Part No. - P9221-R3

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
P9221-R IDT-P9221-R Datasheet
1Mb / 35P
Wireless Power Receiver
P9221-R IDT-P9221-R Datasheet
1Mb / 35P
Wireless Power Receiver for 15W Applications
logo
Renesas Technology Corp
P9221-R RENESAS-P9221-R Datasheet
1Mb / 38P
Wireless Power Receiver for 15W Applications
October 10, 2017
logo
Integrated Device Techn...
P9221-RAHGI8 IDT-P9221-RAHGI8 Datasheet
1Mb / 35P
Wireless Power Receiver
P9221-R IDT-P9221-R_17 Datasheet
1Mb / 35P
Wireless Power Receiver for 15W Applications
More results


Similar Description - P9221-R3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX2A4WP_SDS PHILIPS-NX2A4WP_SDS Datasheet
1Mb / 44P
A4WP compliant high frequency wireless charging receiver A4WP compliant high frequency wireless charging receiver
Rev. 3-4 August 2015
logo
Wurth Elektronik GmbH &...
760308102207 WURTH-760308102207 Datasheet
321Kb / 6P
WE-WPCC Wireless Power Charging Receiver Coil
760308103202 WURTH-760308103202 Datasheet
374Kb / 6P
WE-WPCC Wireless Power Charging Receiver Coil
logo
Semtech Corporation
TSWIRX-5V2-EVM SEMTECH-TSWIRX-5V2-EVM Datasheet
2Mb / 16P
Low Power Wireless Charging Receiver
logo
Integrated Device Techn...
P9221-R IDT-P9221-R_17 Datasheet
1Mb / 35P
Wireless Power Receiver for 15W Applications
logo
Tripp Lite. All Rights ...
U280-Q01FL-BK-2 TRIPPLITE-U280-Q01FL-BK-2 Datasheet
176Kb / 3P
15W Smartphone Wireless Fast Charging Pad, Black
logo
Renesas Technology Corp
P9415-R RENESAS-P9415-R Datasheet
1Mb / 62P
15W Wireless Power Receiver with WattShare™ Mode
May 4, 2021
P9221-R RENESAS-P9221-R Datasheet
1Mb / 38P
Wireless Power Receiver for 15W Applications
October 10, 2017
P9242-R3 RENESAS-P9242-R3 Datasheet
1Mb / 44P
15W Wireless Charging Transmitter with Bi-directional Data Communication
May 17, 2019
P9243-GB RENESAS-P9243-GB Datasheet
1Mb / 41P
Wireless Power Transmitter for Smartphones with Fast Charging Modes and 15W Applications
July 7, 2020
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com