Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9221-R3 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # P9221-R3
Description  15W Wireless Charging Receiver with Bi-directional Data Communication
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9221-R3 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button P9221-R3 Datasheet HTML 5Page - Renesas Technology Corp P9221-R3 Datasheet HTML 6Page - Renesas Technology Corp P9221-R3 Datasheet HTML 7Page - Renesas Technology Corp P9221-R3 Datasheet HTML 8Page - Renesas Technology Corp P9221-R3 Datasheet HTML 9Page - Renesas Technology Corp P9221-R3 Datasheet HTML 10Page - Renesas Technology Corp P9221-R3 Datasheet HTML 11Page - Renesas Technology Corp P9221-R3 Datasheet HTML 12Page - Renesas Technology Corp P9221-R3 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
P9221-R3 Datasheet
© 2017 Integrated Device Technology, Inc.
9
October 20, 2017
4. Thermal Characteristics
Table 4.
Package Thermal Information
Note: This thermal rating was calculated on a JEDEC 51 standard 4-layer board with dimensions 76.2 x 114.3 mm in still air conditions.
Symbol
Description
WLCSP Rating 8 Thermal Balls
Units
θJA
Thermal Resistance Junction to Ambient[a]
47
C/W
θJC
Thermal Resistance Junction to Case
0.202
C/W
θJB
Thermal Resistance Junction to Board
4.36
C/W
TJ
Operating Junction Temperature[a]
-5 to +125
C
TAMB
Ambient Operating Temperature[a]
0 to +85
C
TSTOR
Storage Temperature
-55 to +150
C
TBUMP
Maximum Soldering Temperature (Reflow, Pb-Free)
260
C
[a] The maximum power dissipation is PD(MAX) = (TJ(MAX) - TAMB) / θJA where TJ(MAX) is 125°C. Exceeding the maximum allowable power dissipation
will result in excessive die temperature, and the device will enter thermal shutdown. Refer to section 13.1 for further details.
5. Electrical Characteristics
Table 5.
Electrical Characteristics
Note: VRECT = 5.5V; COUT = 4.7μF, EN
̅̅̅̅ = LOW, unless otherwise noted. TJ = 0C to 125C; typical values are at 25°C.
Note: See important notes at the end of this table.
Symbol
Description
Conditions
Min
Typical
Max
Units
Under-Voltage Lock-Out (UVLO)
VUVLO_Rising
UVLO Rising
Rising voltage on VRECT
2.9
2.98
V
VUVLO_HYS
UVLO Hysteresis
VRECT falling
200
mV
Over-Voltage Protection
VOVP-DC
DC Over-Voltage
Protection
Rising voltage on VRECT
17
V
VOVP-HYS
Over-Voltage Hysteresis
1
V
Quiescent Current
IACTIVE_SUPLY
Supply Current
EN
¯¯ = Low, No load; VRECT = 12.3V
3.0
mA
ISHD
Shut Down Mode Current
EN
¯¯ = High; VRECT = 12.3V
500
μA
VDD18 Voltage
VVDD18
VDD18 Pin Output
Voltage[a]
IVDD18 = 10mA, CVDD18 = 1µF
1.62
1.8
1.98
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com