Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9221-R3 Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # P9221-R3
Description  15W Wireless Charging Receiver with Bi-directional Data Communication
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9221-R3 Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button P9221-R3 Datasheet HTML 38Page - Renesas Technology Corp P9221-R3 Datasheet HTML 39Page - Renesas Technology Corp P9221-R3 Datasheet HTML 40Page - Renesas Technology Corp P9221-R3 Datasheet HTML 41Page - Renesas Technology Corp P9221-R3 Datasheet HTML 42Page - Renesas Technology Corp P9221-R3 Datasheet HTML 43Page - Renesas Technology Corp P9221-R3 Datasheet HTML 44Page - Renesas Technology Corp P9221-R3 Datasheet HTML 45Page - Renesas Technology Corp P9221-R3 Datasheet HTML 46Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 44 / 46 page
background image
P9221-R3 Datasheet
© 2017 Integrated Device Technology, Inc.
44
October 20, 2017
16. Special Notes: 52-WLCSP (AHG52) Package Assembly
Unopened dry packaged parts have a one-year shelf life.
The humidity indicator card (HIC) for newly-opened dry packaged parts should be checked. If there is any moisture content, the parts must be
baked for a minimum of 8 hours at 125˚C within 24 hours of the assembly reflow process.
17. Marking Diagram
IDT
P9221
YYWW**
$-R3
1. Line 1 company name.
2. Truncated part number.
3. “YYWW” is the last digit of the year and week that the part was assembled.
** is the lot sequential code.
4. “$” denotes mark code, -R3 is part of the device part number
18. Ordering Information
Orderable Part Number
Description and Package
MSL Rating
Shipping Packaging
Ambient
Temperature
P9221-R3AHGI8
P9221-R3 Wireless Power Receiver for 15W
Applications, 2.64
 3.94 mm 52-WLCSP (AHG52)
MSL1
Reel
0°C to +85°C
WP15WBD-RK
Bi-Directional Communication Evaluation Kit including the P9242-R3-EVK Transmitter Evaluation Board,
P9221-R3-EVK Receiver Evaluation Board, two USB-to-I2C dongles, and a 12V/2A AC adapter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com