Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9221-R3 Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # P9221-R3
Description  15W Wireless Charging Receiver with Bi-directional Data Communication
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9221-R3 Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button P9221-R3 Datasheet HTML 30Page - Renesas Technology Corp P9221-R3 Datasheet HTML 31Page - Renesas Technology Corp P9221-R3 Datasheet HTML 32Page - Renesas Technology Corp P9221-R3 Datasheet HTML 33Page - Renesas Technology Corp P9221-R3 Datasheet HTML 34Page - Renesas Technology Corp P9221-R3 Datasheet HTML 35Page - Renesas Technology Corp P9221-R3 Datasheet HTML 36Page - Renesas Technology Corp P9221-R3 Datasheet HTML 37Page - Renesas Technology Corp P9221-R3 Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
P9221-R3 Datasheet
© 2017 Integrated Device Technology, Inc.
34
October 20, 2017
Table 26. Command Register
Address and Bit
Register or Bit Field Name
R/W
Default
Function and Description
004EHEX [7:6]
Reserved
R
0BIN
Reserved.
004EHEX [5]
Reset_Interrupt_Pin
RW
0BIN
If the application processor sets this bit to "1," the P9221-R3
resets the interrupt pin. The P9221-R3 will reset the bit to “0”
after resetting the interrupt pin.
004EHEX [4]
Send_Battery_Charge
Status_packet
R
0BIN
If the application processor sets this bit to "1,” then the
P9221-R3 sends the charge status packet once (from the
Batt_Charge_status register; see Table 17) and then sets this
bit to “0.”
004EHEX [3]
Send_End_Power_Transfer
RW
0BIN
If the application processor sets this bit to "1," the P9221-R3
sends the End Power Transfer packet (defined in the
EPT_Code register in Table 18) to the transmitter and then
sets this bit to "0."
004EHEX [2]
Reserved
R
0BIN
Reserved.
004EHEX [1]
Toggle_LDO_On-OFF
RW
0BIN
If the application processor sets this bit to "1,” the P9221-R3
toggles the LDO output once (from on to off or from off to on),
and then sets this bit to “0.”
004EHEX [0]
Communication_trigger
RW
0BIN
If the communication channel is free, this bit is set to “0.” The
application processor sets this bit to "1” to trigger the
communication. The P9221-R3 will reset this bit to “0”
immediately after sending the data into the channel.
Table 27. Clear Interrupt Bits
Address and Bit
Register or Bit Field Name
R/W
Default
Function and Description
0056HEX [7]
Clear_Vout_Changed_Bit
RW
0BIN
“1” clears the INT_Vout_Status bit in the register 0036HEX.
Register 0036HEX is updated after the application processor
resets the interrupt pin by writing “1” to bit 5 of register
004EHEX.
0056HEX [6]
Reserved
RW
0BIN
0056HEX [5]
Reserved
RW
0BIN
0056HEX [4]
Clear_User_Data_Received
_Bit
RW
0BIN
“1” clears the User_Data_Received_status bit in register
0036HEX. Register 0036HEX is updated after the application
processor resets the interrupt pin by writing“1” to bit 5 of
register 004EHEX.
0056HEX [3]
Reserved
RW
0BIN
0056HEX [2]
Clear_Over_Temperature_
Bit
RW
0BIN
“1” clears the INT_OVER_TEMP_Status bit in register
0036HEX. Register 0036HEX is updated after the application
processor resets the interrupt pin by writing“1” to bit 5 of
register 004EHEX.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com