Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9221-R3 Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # P9221-R3
Description  15W Wireless Charging Receiver with Bi-directional Data Communication
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9221-R3 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button P9221-R3 Datasheet HTML 33Page - Renesas Technology Corp P9221-R3 Datasheet HTML 34Page - Renesas Technology Corp P9221-R3 Datasheet HTML 35Page - Renesas Technology Corp P9221-R3 Datasheet HTML 36Page - Renesas Technology Corp P9221-R3 Datasheet HTML 37Page - Renesas Technology Corp P9221-R3 Datasheet HTML 38Page - Renesas Technology Corp P9221-R3 Datasheet HTML 39Page - Renesas Technology Corp P9221-R3 Datasheet HTML 40Page - Renesas Technology Corp P9221-R3 Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 46 page
background image
P9221-R3 Datasheet
© 2017 Integrated Device Technology, Inc.
37
October 20, 2017
13. Application Information
13.1 Power Dissipation and Thermal Requirements
The use of integrated circuits in low-profile and fine-pitch surface-mount packages requires special attention to power dissipation. Many system-
dependent issues such as thermal coupling, airflow, added heat sinks, convection surfaces, and the presence of other heat-generating
components must be taken into consideration.
The P9221-R3 package has a maximum power dissipation of approximately 1.72W, which is governed by the number of thermal vias between
the package and the printed circuit board. The die’s maximum power dissipation is specified by the junction temperature and the package
thermal resistance. The WLCSP package has a typical θJA of 47ºC/W with 8 thermal vias and 77ºC/W with no thermal vias. Maximizing the
thermal vias is highly recommended.
The ambient temperature surrounding the P9221-R3 will also have an effect on the thermal limits of the printed circuit board (PCB). The main
factors influencing thermal resistance (θJA) are the PCB characteristics and thermal vias. For example, in a typical still-air environment, a
significant amount of the heat generated is absorbed by the PCB. Changing the design or configuration of the PCB changes the overall thermal
resistivity and therefore the board’s heat-sinking efficiency.
Three basic approaches for enhancing thermal performance are listed below:
Improving the power dissipation capability of the PCB design
Improving the thermal coupling of the component to the PCB
Introducing airflow into the system
As a first step, the maximum power dissipation for a given situation should be calculated using Equation 6:
PD(MAX) =
(TJ(MAX) − TAMB)
θJA
Equation 6
Where PD(MAX) = Maximum power dissipation
θJA = Package thermal resistance (°C/W)
TJ(MAX) = Maximum device junction temperature (°C)
TAMB = Ambient temperature (°C)
The maximum recommended junction temperature (TJ(MAX)) for the P9221-R3 device is 125°C. The thermal resistance of the 52-WLCSP
package (AHG52) is nominally θJA=47°C/W with 8 thermal vias. Operation is specified to a maximum steady-state ambient temperature (TAMB)
of 85°C. Therefore, the maximum recommended power dissipation is given by Equation 7.
PD(MAX) =
(
125°C − 85°C)
47°C/W
≅ 0.85 Watt
Equation 7
All the above-mentioned thermal resistances were determined with the P9221-R3 mounted on a standard board of the dimensions and
characteristics specified by the JEDEC 51 standard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com