Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9221-R3 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # P9221-R3
Description  15W Wireless Charging Receiver with Bi-directional Data Communication
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9221-R3 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button P9221-R3 Datasheet HTML 21Page - Renesas Technology Corp P9221-R3 Datasheet HTML 22Page - Renesas Technology Corp P9221-R3 Datasheet HTML 23Page - Renesas Technology Corp P9221-R3 Datasheet HTML 24Page - Renesas Technology Corp P9221-R3 Datasheet HTML 25Page - Renesas Technology Corp P9221-R3 Datasheet HTML 26Page - Renesas Technology Corp P9221-R3 Datasheet HTML 27Page - Renesas Technology Corp P9221-R3 Datasheet HTML 28Page - Renesas Technology Corp P9221-R3 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 46 page
background image
P9221-R3 Datasheet
© 2017 Integrated Device Technology, Inc.
25
October 20, 2017
Figure 25. State Diagram for User Data Transmission from the P9221-R3 to the P9242-R3
Is the P9221-R3 in
the power transfer phase
(register 014AHEX = 05HEX)?
Load outgoing user data registers
(registers 0089HEX to 0090HEX) and
set the data header register
(0089HEX) accordingly
Is the communication
channel free (bit 0 of
register 004EHEX = “0”)?
Yes
Yes
Set bit 0 of register 004EHEX to “1”
to trigger the communication
The P9221-R3 will reset bit 0 of
register 004EHEX to “0” after sending
the data into the channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com