Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9221-R3 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # P9221-R3
Description  15W Wireless Charging Receiver with Bi-directional Data Communication
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9221-R3 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button P9221-R3 Datasheet HTML 29Page - Renesas Technology Corp P9221-R3 Datasheet HTML 30Page - Renesas Technology Corp P9221-R3 Datasheet HTML 31Page - Renesas Technology Corp P9221-R3 Datasheet HTML 32Page - Renesas Technology Corp P9221-R3 Datasheet HTML 33Page - Renesas Technology Corp P9221-R3 Datasheet HTML 34Page - Renesas Technology Corp P9221-R3 Datasheet HTML 35Page - Renesas Technology Corp P9221-R3 Datasheet HTML 36Page - Renesas Technology Corp P9221-R3 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
P9221-R3 Datasheet
© 2017 Integrated Device Technology, Inc.
33
October 20, 2017
Table 21. Read Register – IOUT Current
IOUT =
RX_IOUT ∗ 2 ∗ 2.1
4095
Address and Bit
Register or Bit Field Name
R/W
Default
Function and Description
0044HEX [7:0]
RX_IOUT [7:0]
RHEX
–
8 LSB of IOUT. Output current in mA.
0045HEX [7:0]
RX_IOUT [15:8]
RHEX
–
8 MSB of IOUT. Output current in mA.
Table 22. Read Register – Die Temperature
TDIE=(ADC_Die_Temp − 1350)
83
444
– 273 where ADC_Die_Temp = 12 bits from ADC_Die_Temp_H and ADC_Die_Temp_L
Address and Bit
Register or Bit Field Name
R/W
Default
Function and Description
0046HEX [7:0]
ADC_Die_Temp_L
R
–
8 LSB of current die temperature in °C.
0047HEX [7:4]
Reserved
R
0HEX
Reserved.
0047HEX [3:0]
ADC_Die_Temp_H
R
–
4 MSB of current die temperature in °C.
Table 23. Read Register – Operating Frequency
fOP=
64 ∗ 6000
OP_FREQ [15:0]
Address and Bit
Register or Bit Field Name
R/W
Default
Function and Description
0048HEX [7:0]
OP_FREQ[15:8]
R
–
8 MSB of the AC signal frequency [kHz].
0049HEX [7:0]
OP_FREQ[7:0]
R
–
8 LSB of the AC signal frequency [kHz].
Table 24. Alignment X Value Register
Note: Valid only in the presence of the alignment PCB coil. (See section 8.10 or the P9221-R3 Evaluation Kit User Manual for more information.)
Address and Bit
Register or Bit Field Name
R/W
Default
Function and Description
004BHEX [7:0]
Align_X
R
–
8-bit signed integer representing alignment between Tx and
Rx coil in the X-direction. The value is application-specific.
Table 25. Alignment Y Value Register
Note: Valid only in the presence of the alignment PCB coil. (See section 8.10 or the P9221-R3 Evaluation Kit User Manual for more information.)
Address and Bit
Register or Bit Field Name
R/W
Default
Function and Description
004CHEX [7:0]
Align_Y
R
–
8-bit signed integer representing alignment between Tx and
Rx coil in the Y-direction. The value is application-specific.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com