Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9221-R3 Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # P9221-R3
Description  15W Wireless Charging Receiver with Bi-directional Data Communication
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9221-R3 Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button P9221-R3 Datasheet HTML 22Page - Renesas Technology Corp P9221-R3 Datasheet HTML 23Page - Renesas Technology Corp P9221-R3 Datasheet HTML 24Page - Renesas Technology Corp P9221-R3 Datasheet HTML 25Page - Renesas Technology Corp P9221-R3 Datasheet HTML 26Page - Renesas Technology Corp P9221-R3 Datasheet HTML 27Page - Renesas Technology Corp P9221-R3 Datasheet HTML 28Page - Renesas Technology Corp P9221-R3 Datasheet HTML 29Page - Renesas Technology Corp P9221-R3 Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 46 page
background image
P9221-R3 Datasheet
© 2017 Integrated Device Technology, Inc.
26
October 20, 2017
10.2 Reading Data Sent from the P9242-R3 to the P9221-R3
The 9221-R3 can receive 2 bytes of information at a time. When the P9221-R3 receives the data from the P9242-R3, it will generate an interrupt
to the external MCU on the receiver by pulling down the interrupt pin (INT
̅̅̅̅). Because interrupts can be generated for multiple reasons, the MCU
can respond to the interrupt and read the data received flag in bit 4 in Status register 0034HEX to confirm that the interrupt is generated because
of new incoming data. The data received flag (bit 4 in register 0034HEX) is set to 1 when there is new incoming data. After confirming that new
data is available to read, the external MCU can read incoming user data registers 0058HEX and 0059HEX.
Table 10. Registers Used for Reading User Data from the P9242-R3
Register Name
Register Address
Status Register
0034HEX
Command Register
004EHEX
Clear Interrupts
0056HEX
User Incoming Data
0058HEX and 0059HEX
After reading the data, the external MCU on the receiver should clear the interrupt by writing 1 to bit 5 in Command register 004EHEX and clear
the data received flag in bit 4 in Status register 0034HEX by writing 1 to bit 4 in register 56HEX. If the external MCU on the receiver does not
handle interrupts, it should constantly poll bit 4 in register 0034HEX to check whether there is any new incoming data.
If the external MCU on the receiver does not read the data soon after the interrupt is received, there is a risk that the data will become corrupted
because of new incoming data. The P9221-R3 does not reject new incoming data because old data was not read by the MCU on the receiver.
The user can implement a higher-level handshaking protocol between the external MCU on the transmitter and the receiver to avoid data
corruption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com