Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9221-R3 Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # P9221-R3
Description  15W Wireless Charging Receiver with Bi-directional Data Communication
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9221-R3 Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button P9221-R3 Datasheet HTML 31Page - Renesas Technology Corp P9221-R3 Datasheet HTML 32Page - Renesas Technology Corp P9221-R3 Datasheet HTML 33Page - Renesas Technology Corp P9221-R3 Datasheet HTML 34Page - Renesas Technology Corp P9221-R3 Datasheet HTML 35Page - Renesas Technology Corp P9221-R3 Datasheet HTML 36Page - Renesas Technology Corp P9221-R3 Datasheet HTML 37Page - Renesas Technology Corp P9221-R3 Datasheet HTML 38Page - Renesas Technology Corp P9221-R3 Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
P9221-R3 Datasheet
© 2017 Integrated Device Technology, Inc.
35
October 20, 2017
Address and Bit
Register or Bit Field Name
R/W
Default
Function and Description
0056HEX [1]
Clear_Over_Voltage_Bit
RW
0BIN
“1” clears the INT_VRECT_OV_Status bit in register 0036HEX.
Register 0036HEX is updated after the application processor
resets the interrupt pin by writing “1” to bit 5 of register
004EHEX.
0056HEX [0]
Clear_Over_Current_Bit
RW
0BIN
“1” clears the INT_OC_Limit_Status bit in register 0036HEX.
Register 0036HEX is updated after the application processor
resets the interrupt pin by writing “1” to bit 5 of register
004EHEX.
Table 28. Incoming User Data Registers
Address and Bit
Register or Bit Field Name
R/W
Default
Function and Description
0058HEX
Incoming_User_Data 0
RW
00HEX
The application processor reads this register to get the data
P9221-R3 received from the P9242-R3.
0059HEX
Incoming_User_Data 1
RW
00HEX
The application processor reads this register to get the data
P9221-R3 received from the P9242-R3.
Table 29. Data Header Register
Address and Bit
Register or Bit Field Name
R/W
Default
Function and Description
0088HEX
Data_Header_Register
RW
00HEX
The application processor sets this register to following
values:
18HEX = when sending 1 byte of user data
28HEX = when sending 2 bytes of user data
38HEX = when sending 3 byte of user data
48HEX = when sending 4 bytes of user data
58HEX = when sending 5 bytes of user data
68HEX = when sending 6 bytes of user data
78HEX = when sending 7 bytes of user data
84HEX = when sending 8 bytes of user data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com