Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9221-R3 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # P9221-R3
Description  15W Wireless Charging Receiver with Bi-directional Data Communication
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9221-R3 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button P9221-R3 Datasheet HTML 16Page - Renesas Technology Corp P9221-R3 Datasheet HTML 17Page - Renesas Technology Corp P9221-R3 Datasheet HTML 18Page - Renesas Technology Corp P9221-R3 Datasheet HTML 19Page - Renesas Technology Corp P9221-R3 Datasheet HTML 20Page - Renesas Technology Corp P9221-R3 Datasheet HTML 21Page - Renesas Technology Corp P9221-R3 Datasheet HTML 22Page - Renesas Technology Corp P9221-R3 Datasheet HTML 23Page - Renesas Technology Corp P9221-R3 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
P9221-R3 Datasheet
© 2017 Integrated Device Technology, Inc.
20
October 20, 2017
8.12 Received Power Packet Offset and Gain Calibration – RPPO and RPPG
The received power packet offset (RPPO) and received power packet gain (RPPG) calibrations utilize dedicated pins for tuning foreign object
detection (FOD). These calibrations tune the received power packet via the voltage levels on the RPPO and RPPG pins, which are determined
by the external resistors in divider networks on the 1.8V bias voltage. The voltage level on the RPPO pin is used to add offset in order to shift
the Received Power Packet (RPP) globally, and the voltage level on the RPPG pin adjusts the slope gain of the Received Power Packet (RPP).
The received power packet offset calibration can be tuned by varying the voltage on the RPPO pin from 0.1V to 2.1V corresponding to a
power offset range from -1.56W to 2.34W.
The received power packet gain can be tuned by varying the voltage on the RPPG pin from 0.1V to 2.1V corresponding to a gain setting
in the range from 0.111 to 2.33.
To disable the FOD, the RPP0 and RPPG must be connected to GND.
The RPP is adjusted according to Equation 2:
RPP [mW] = Pmeasured [mW] ×
RPPG [%]
1755 [%]
+ RPPO [mW] – 1755 [mW]
Equation 2
Where
RPP = Reported Received Power
Pmeasured = measured power from output voltage and current
RPPO [mW] =
VRPPO [V]
2.1 [V]
× 4095 [mW]
Equation 3
RPPG [%] =
VRPPG [V]
2.1 [V]
× 4095 [%]
Equation 4
For example, if the voltage on the RPPO and RPPG pins is 0.9V then the RPP will have no offset or gain. The RPP will be exactly the same as
the measured power in the receiver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com