Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9221-R3 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # P9221-R3
Description  15W Wireless Charging Receiver with Bi-directional Data Communication
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9221-R3 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button P9221-R3 Datasheet HTML 18Page - Renesas Technology Corp P9221-R3 Datasheet HTML 19Page - Renesas Technology Corp P9221-R3 Datasheet HTML 20Page - Renesas Technology Corp P9221-R3 Datasheet HTML 21Page - Renesas Technology Corp P9221-R3 Datasheet HTML 22Page - Renesas Technology Corp P9221-R3 Datasheet HTML 23Page - Renesas Technology Corp P9221-R3 Datasheet HTML 24Page - Renesas Technology Corp P9221-R3 Datasheet HTML 25Page - Renesas Technology Corp P9221-R3 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
P9221-R3 Datasheet
© 2017 Integrated Device Technology, Inc.
22
October 20, 2017
Each byte will comply with the start, data, parity, and stop asynchronous serial format structure shown in Figure 19:
Figure 19. Example of Asynchronous Serial Byte Format for FSK
Start
Stop
Parity
b0
1
2
3
4
5
6
7
b
b
b
b
b
b
b
9.3
Bit Encoding Scheme for ASK
As required by the WPC, the P9221-R3 uses a differential bi-phase encoding scheme to modulate data bits onto the power signal. A clock
frequency of 2kHz is used for this purpose. A logic ONE bit is encoded using two narrow transitions, whereas a logic ZERO bit is encoded using
one wider transition as shown below:
Figure 20. Bit Encoding Scheme
t CLK
ONE
ZERO
ONE
ZERO
ONE
ONE
ZERO
ZERO
9.4
Byte Encoding for ASK
Each byte in the communication packet comprises 11 bits in an asynchronous serial format, as shown in Figure 21. Each byte has a start bit,
8 data bits, a parity bit, and a single stop bit.
Figure 21. Byte Encoding Scheme
Start
Stop
Parity
b0
1
2
3
4
5
6
7
b
b
b
b
b
b
b
9.5
Packet Structure
The P9221-R3 communicates with the base station via communication packets. Each communication packet has the following structure:
Figure 22. Communication Packet Structure
Preamble
Header
Message
Checksum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com