Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9221-R3 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # P9221-R3
Description  15W Wireless Charging Receiver with Bi-directional Data Communication
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9221-R3 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button P9221-R3 Datasheet HTML 28Page - Renesas Technology Corp P9221-R3 Datasheet HTML 29Page - Renesas Technology Corp P9221-R3 Datasheet HTML 30Page - Renesas Technology Corp P9221-R3 Datasheet HTML 31Page - Renesas Technology Corp P9221-R3 Datasheet HTML 32Page - Renesas Technology Corp P9221-R3 Datasheet HTML 33Page - Renesas Technology Corp P9221-R3 Datasheet HTML 34Page - Renesas Technology Corp P9221-R3 Datasheet HTML 35Page - Renesas Technology Corp P9221-R3 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
P9221-R3 Datasheet
© 2017 Integrated Device Technology, Inc.
32
October 20, 2017
Address and Bit
Register or Bit Field Name
R/W
Default
Function and Description
0038HEX [1]
VRECT_OV_INT_EN
RW
1BIN
“0” disables the INT_VRECT_OV interrupt.
"1" enables the interrupt.
0038HEX [0]
OC_Limit_Status_INT_EN
RW
1BIN
“0” disables the INT_OC_Limit_Status interrupt.
"1" enables the interrupt.
0039HEX [7:0]
Reserved
RW
00HEX
Table 17. Battery Charge Status
Address and Bit
Register or Bit Field Name
R/W
Default
Function and Description
003AHEX [7:0]
Batt_Charg_status
R/W
00HEX
The application processor loads the battery charge status in
this register. This value is sent to the transmitter when bit 4 of
register 004EHEX is set to “1.”[a]
[a] The firmware only forwards the data from the application processor to transmitter.
Table 18. End Power Transfer
The application processor initiates the End Power Transfer (EPT).
Address and Bit
Register or Bit Field Name
R/W
Default
Function and Description
003BHEX [7:0]
EPT_Code
R/W
00HEX
EPT_Code sent to transmitter.
Table 19. Read Register – Output Voltage
VOUT =
ADC_VOUT ∗ 6 ∗ 2.1
4095
Address and Bit
Register or Bit Field Name
R/W
Default
Function and Description
003CHEX [7:0]
ADC_VOUT [7:0]
R
00HEX
8 LSB of VOUT ADC value.
003DHEX [7:4]
Reserved
R
0HEX
Reserved.
003DHEX [3:0]
ADC_VOUT [11:8]
R
0HEX
4 MSB of VOUT ADC value.
Table 20. Read Register – VRECT Voltage
VRECT =
ADC_VRECT ∗ 10 ∗ 2.1
4095
Address and Bit
Register or Bit Field Name
R/W
Default
Function and Description
0040HEX [7:0]
ADC_VRECT [7:0]
R
–
8 LSB of VRECT ADC value.
0041HEX [7:4]
Reserved
R
0HEX
Reserved.
0041HEX [3:0]
ADC_VRECT [11:8]
R
–
4 MSB of VRECT ADC value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com