Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9221-R3 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # P9221-R3
Description  15W Wireless Charging Receiver with Bi-directional Data Communication
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9221-R3 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button P9221-R3 Datasheet HTML 20Page - Renesas Technology Corp P9221-R3 Datasheet HTML 21Page - Renesas Technology Corp P9221-R3 Datasheet HTML 22Page - Renesas Technology Corp P9221-R3 Datasheet HTML 23Page - Renesas Technology Corp P9221-R3 Datasheet HTML 24Page - Renesas Technology Corp P9221-R3 Datasheet HTML 25Page - Renesas Technology Corp P9221-R3 Datasheet HTML 26Page - Renesas Technology Corp P9221-R3 Datasheet HTML 27Page - Renesas Technology Corp P9221-R3 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
P9221-R3 Datasheet
© 2017 Integrated Device Technology, Inc.
24
October 20, 2017
The P9221-R3 transfers data into the channel at a speed of 2Kbps. However, the channel is usually busy transmitting WPC standard
communication packets. There is a very small window in which the user data can transferred. Typically in the power transfer phase, the CEP
packet is sent every 150msec. In one second, there will be only 6 to 7 time slots in which the P9221-R3 can send a maximum of 10 bytes
(including the checksum and header) of user data in each slot. The maximum data transfer rate achieved between the P9221-R3 and the
P9242-R3 is 560bps.
The P9221-R3 will reset bit 0 in the Command register 004EHEX to 0 immediately after sending the data into the channel. The external MCU on
the receiver can periodically check bit 0 in the P9221-R3 register 004EHEX to get an acknowledgment of successful data transmission into the
channel.
Note: The P9221-R3 gives WPC standard communication packets priority over user data packets. User data packets have the lowest priority;
therefore during load transients, the P9221-R3 might skip sending user data packets and give priority to CEP and indicate the channel status
as busy in register 004EHEX.
The P9221-R3 does not wait for acknowledgement from the P9242-R3 or keep track of successful delivery of the data to the P9242-R3. The
P9221-R3 only functions as a messenger and relies upon the external MCUs on the receiver and transmitter boards to craft a lossless com-
munication protocol by adding intelligence into data they are transferring.
Figure 24. Typical P9221-R3 to P9242-R3 Data Transfer using the WP15WBD-RK Evaluation Kit
Note: The WP15WBD-RK is the evaluation kit available for the P9221-R3 and P9242-R3, which implements the typical application schematic
shown in Figure 28.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com