Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9221-R3 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # P9221-R3
Description  15W Wireless Charging Receiver with Bi-directional Data Communication
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9221-R3 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button P9221-R3 Datasheet HTML 11Page - Renesas Technology Corp P9221-R3 Datasheet HTML 12Page - Renesas Technology Corp P9221-R3 Datasheet HTML 13Page - Renesas Technology Corp P9221-R3 Datasheet HTML 14Page - Renesas Technology Corp P9221-R3 Datasheet HTML 15Page - Renesas Technology Corp P9221-R3 Datasheet HTML 16Page - Renesas Technology Corp P9221-R3 Datasheet HTML 17Page - Renesas Technology Corp P9221-R3 Datasheet HTML 18Page - Renesas Technology Corp P9221-R3 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 46 page
background image
P9221-R3 Datasheet
© 2017 Integrated Device Technology, Inc.
15
October 20, 2017
7. Functional Block Diagram
Figure 17. Functional Block Diagram
EN
LDO
VRECT
SINK
OVP
32-bit ARM
Processor
BST1
AC1
AC2
OUT
VRECT
VOUT
ISNS
TS/EOC
ILIM
VOSET/Q-Fact
RPPO
RPPG
VTDIE
ADC
MUX
I2C
Slave
SCL
SDA
Peak Detector
and LPF
VDD5V
LDO
5V
LDO
1.8V
VDD18
GND
UVLO
Phase Detector
AC1
RSVx
EN
EN
EN
BST2
COMM1
COMM2
ALIGNX
ALIGNY
DEN
INT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com