Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9221-R3 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # P9221-R3
Description  15W Wireless Charging Receiver with Bi-directional Data Communication
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9221-R3 Datasheet(HTML) 1 Page - Renesas Technology Corp

  P9221-R3 Datasheet HTML 1Page - Renesas Technology Corp P9221-R3 Datasheet HTML 2Page - Renesas Technology Corp P9221-R3 Datasheet HTML 3Page - Renesas Technology Corp P9221-R3 Datasheet HTML 4Page - Renesas Technology Corp P9221-R3 Datasheet HTML 5Page - Renesas Technology Corp P9221-R3 Datasheet HTML 6Page - Renesas Technology Corp P9221-R3 Datasheet HTML 7Page - Renesas Technology Corp P9221-R3 Datasheet HTML 8Page - Renesas Technology Corp P9221-R3 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
15W Wireless Charging Receiver with
Bi-directional Data Communication
P9221-R3
Datasheet
© 2017 Integrated Device Technology, Inc.
1
October 20, 2017
P9242-R3
External
MCU
Tx Side
P9221-R3
SCL
SDA
INT
SCL
SDA
INT
External
MCU
Rx Side
FSK
ASK
SCL
SDA
INT
SCL
SDA
INT
Description
The P9221-R3 is a high efficiency 15W magnetic induction wireless
power receiver with in-band, bi-directional data communication with
no additional circuitry. The communication channel can be used for
proprietary device authentication and secure system data transfer.
The P9221-R3 integrates a 32-bit ARM® Cortex® -M0 processor*,
low-RDS(ON) synchronous rectifier, and ultra-low dropout regula-
tor making it ideal for high-efficiency, space-constrained receiver
applications. The device features a programmable output voltage,
current limitation, and foreign-object detection (FOD) settings. An
I2C serial interface allows reading information such as voltage,
current, and fault conditions. The device also features a patented
over-voltage protection scheme eliminating the need for additional
capacitors, which can minimize the external component count and
cost. Combined with the P9242-R3 transmitter, the P9221-R3
forms a complete wireless power system solution for 15W applica-
tions with bi-directional communication.
The P9221-R3 is provided in a 52-WLCSP package (2.64
 3.94 mm,
0.4mm pitch), and it is rated for a 0 to 85°C ambient operating tem-
perature range.
Typical Applications
Industrial equipment
Consumer electronics
Medical equipment
* ARM® and Cortex® are trademarks of ARM, LTD.
Features
Supports bi-directional data communication
Enables authentication and system data transfer
Single-chip solution supporting applications with up to 15W
Patented over-voltage protection clamp eliminating external
capacitors
87% peak DC-to-DC efficiency when combined with the IDT
P9242-R3
Programmable output voltage and current limit
Embedded 32-bit ARM® Cortex®-M0 processor
Dedicated remote temperature sensing
Standard device compliant with WPC-1.2 specification
Supports I2C interface
0 to +85°C ambient operating temperature range
WLCSP 2.64
 3.94 mm, 52-WLCSP package
Typical Application Circuit


Similar Part No. - P9221-R3

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
P9221-R IDT-P9221-R Datasheet
1Mb / 35P
Wireless Power Receiver
P9221-R IDT-P9221-R Datasheet
1Mb / 35P
Wireless Power Receiver for 15W Applications
logo
Renesas Technology Corp
P9221-R RENESAS-P9221-R Datasheet
1Mb / 38P
Wireless Power Receiver for 15W Applications
October 10, 2017
logo
Integrated Device Techn...
P9221-RAHGI8 IDT-P9221-RAHGI8 Datasheet
1Mb / 35P
Wireless Power Receiver
P9221-R IDT-P9221-R_17 Datasheet
1Mb / 35P
Wireless Power Receiver for 15W Applications
More results

Similar Description - P9221-R3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX2A4WP_SDS PHILIPS-NX2A4WP_SDS Datasheet
1Mb / 44P
A4WP compliant high frequency wireless charging receiver A4WP compliant high frequency wireless charging receiver
Rev. 3-4 August 2015
logo
Wurth Elektronik GmbH &...
760308102207 WURTH-760308102207 Datasheet
321Kb / 6P
WE-WPCC Wireless Power Charging Receiver Coil
760308103202 WURTH-760308103202 Datasheet
374Kb / 6P
WE-WPCC Wireless Power Charging Receiver Coil
logo
Semtech Corporation
TSWIRX-5V2-EVM SEMTECH-TSWIRX-5V2-EVM Datasheet
2Mb / 16P
Low Power Wireless Charging Receiver
logo
Integrated Device Techn...
P9221-R IDT-P9221-R_17 Datasheet
1Mb / 35P
Wireless Power Receiver for 15W Applications
logo
Tripp Lite. All Rights ...
U280-Q01FL-BK-2 TRIPPLITE-U280-Q01FL-BK-2 Datasheet
176Kb / 3P
15W Smartphone Wireless Fast Charging Pad, Black
logo
Renesas Technology Corp
P9415-R RENESAS-P9415-R Datasheet
1Mb / 62P
15W Wireless Power Receiver with WattShare™ Mode
May 4, 2021
P9221-R RENESAS-P9221-R Datasheet
1Mb / 38P
Wireless Power Receiver for 15W Applications
October 10, 2017
P9242-R3 RENESAS-P9242-R3 Datasheet
1Mb / 44P
15W Wireless Charging Transmitter with Bi-directional Data Communication
May 17, 2019
P9243-GB RENESAS-P9243-GB Datasheet
1Mb / 41P
Wireless Power Transmitter for Smartphones with Fast Charging Modes and 15W Applications
July 7, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com