Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9415-R Datasheet (PDF) - Renesas Technology Corp

P9415-R Datasheet PDF - Renesas Technology Corp
Part # P9415-R
Download  P9415-R Download
File Size   2025.29 Kbytes
Page   62 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 15W Wireless Power Receiver with WattShare™ Mode

P9415-R Datasheet (PDF)

Go To PDF Page Download Datasheet
P9415-R Datasheet PDF - Renesas Technology Corp

Part # P9415-R
Download  P9415-R Click to download

File Size   2025.29 Kbytes
Page   62 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 15W Wireless Power Receiver with WattShare™ Mode

P9415-R Datasheet (HTML) - Renesas Technology Corp


P9415-R Product details

Description
The P9415-R is a highly integrated single-chip wireless power
transmitter/receiver IC (TRx) that can be configured to receive or
transmit an AC power signal through magnetic induction.
When the device is configured as a wireless power transmitter, it
uses an on-chip full/half-bridge inverter, a PWM generator, a
modulator/demodulator for communication, and a microcontroller
to produce an AC power signal to drive external L-C tank. As a
receiver, the P9415-R receives an AC power signal from a wireless
transmitter and converts it into rectified output voltage, which can
be used to power devices or supply the charger input in mobile
applications. The P9415-R integrates a high-efficiency
Synchronous Full Bridge Rectifier and control circuitry to modulate
the load to send message packets to the Transmitter (Tx) to
optimize power delivery.
The P9415-R features Multiple-time programmable (MTP) nonvolatile memory that enables customers to customize the design
parameters such as default output voltage and FOD thresholds.
The P9415-R includes over-temperature and voltage protection.
Fault conditions associated with power transfer are managed by an
industry-leading 32-bit ARM® Cortex®-M0 processor offering a high
level of programmability while consuming extremely low standby
power. The processor can also control GPIOs to indicate operating
and fault modes. The device is available in an ultra-small
53-WLCSP package.

Typical Applications
 Wireless power solution for mobile applications

Features
 Delivers up to 15W as a receiver
 WattShareTM (TRx )mode with up to 5W Tx capability
 24kB Multiple-time programmable (MTP) non-volatile memory
 WPC 1.3 Specification hardware ready
 2.5V Under-Voltage Lockout (UVLO) threshold for expanding
the charging area
 Internal reverse current sense for WattShareTM mode
 Reliable VRECT over-voltage clamping
 Internal IOUT filtering to remove the battery charger current
ripple
 Supports Bi-Directional communications
 Supports X-Y alignment coils
 The device is capable of delivering 30W using a custom
firmware
 Embedded 32-bit ARM® Cortex®-M0 processor
 Supports I2C 400kHz standard interface and GPIOs
 Package: 6 × 9 ball array, 2.82 × 4.22 × 0.50 mm, 53-WLCSP
with 0.40mm ball pitch




Similar Part No. - P9415-R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
P9415-0AWQI8 RENESAS-P9415-0AWQI8 Datasheet
885Kb / 30P
30W Wireless Power Receiver with WattShare™ TRx Mode
December 19, 2019
P9415-1AWQI8 RENESAS-P9415-1AWQI8 Datasheet
885Kb / 30P
30W Wireless Power Receiver with WattShare™ TRx Mode
December 19, 2019
More results


Similar Description - P9415-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STWLC03 STMICROELECTRONICS-STWLC03 Datasheet
469Kb / 5P
Dual mode Qi/PMA wireless power receiver
05-Jun-2015
logo
Integrated Device Techn...
P9221-R IDT-P9221-R Datasheet
1Mb / 35P
Wireless Power Receiver
P9221-R IDT-P9221-R_17 Datasheet
1Mb / 35P
Wireless Power Receiver for 15W Applications
P9225-R IDT-P9225-R Datasheet
1,010Kb / 34P
Dual-Mode Wireless Power Receiver
P9260 IDT-P9260 Datasheet
158Kb / 2P
15W Wireless Power Transmitter
logo
Kinetic Technologies.
KTE7001 KINETIC-KTE7001 Datasheet
207Kb / 2P
15W Wireless Power Receiver for WPC/Qi BPP/EPP
September 2021 - Revision 04d
logo
Renesas Technology Corp
P9415 RENESAS-P9415 Datasheet
885Kb / 30P
30W Wireless Power Receiver with WattShare™ TRx Mode
December 19, 2019
logo
STMicroelectronics
STWLC38 STMICROELECTRONICS-STWLC38 Datasheet
728Kb / 5P
Qi-compliant dual mode wireless power receiver for up to 15W applications
16-Jun-2022
logo
Renesas Technology Corp
P9221-R RENESAS-P9221-R Datasheet
1Mb / 38P
Wireless Power Receiver for 15W Applications
October 10, 2017
P9221-R3 RENESAS-P9221-R3 Datasheet
1Mb / 46P
15W Wireless Charging Receiver with Bi-directional Data Communication
October 20, 2017
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com