Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9415 Datasheet (PDF) - Renesas Technology Corp

P9415 Datasheet PDF - Renesas Technology Corp
Part # P9415
Download  P9415 Download
File Size   885.5 Kbytes
Page   30 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 30W Wireless Power Receiver with WattShare™ TRx Mode

P9415 Datasheet (PDF)

Go To PDF Page Download Datasheet
P9415 Datasheet PDF - Renesas Technology Corp

Part # P9415
Download  P9415 Click to download

File Size   885.5 Kbytes
Page   30 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 30W Wireless Power Receiver with WattShare™ TRx Mode

P9415 Datasheet (HTML) - Renesas Technology Corp


P9415 Product details

Description
The P9415 is a highly-integrated single-chip wireless power
transmitter/receiver IC (TRx). The device can be configured to
receive or transmit an AC power signal through magnetic induction.
When the device is configured as a wireless power transmitter, it
uses an on-chip full/half-bridge inverter, a PWM generator, a
modulator/demodulator for communication, and micro controller to
produce an AC power signal to drive external L-C tank. As a
receiver, the device receives an AC power signal from a wireless
transmitter and converts it into rectified output voltage, which can
be used to power devices or supply the charger input in mobile
applications. The P9415 integrates a high efficiency Synchronous
Full Bridge Rectifier and control circuitry to modulate the load to
send message packets to the Transmitter (Tx) to optimize power
delivery.
The P9415 features Multiple-time programmable (MTP) nonvolatile memory to easily update control firmware and device
functions.
The device includes over-temperature and voltage protection. Fault
conditions associated with power transfer are managed by an
industry-leading 32-bit ARM® Cortex®-M0 processor offering high
level of programmability while consuming extremely low standby
power. The processor can also control GPIOs to indicate operating
and fault modes. The P9415 is available in an ultra-small
53-WLCSP package.

Typical Applications
 Wireless power solution for mobile applications

Features
 Single-chip medium power wireless solution
 24kB Multiple-time programmable (MTP) non-volatile memory
for expanded feature support
 WPC 1.2.4 compatible
 Delivers up to 30W as a receiver
 WattShareTM TRx mode with up to 5W Tx capability
 Embedded 32-bit ARM® Cortex®-M0 processor
 Reliable over voltage clamping
 Proprietary Rx-to-Tx modulation/demodulation for two-way
communication
 High-performance LDO
 Tx-to-Rx (backchannel) communication
 Supports proprietary mode magnetic induction wireless power
solutions
 Supports I2C 400kHz standard interface and GPIOs
 Package: 6 × 9 ball array, 2.82 × 4.22 × 0.50 mm, 53-WLCSP
with 0.40mm ball pitch




Similar Part No. - P9415

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
P9415-R RENESAS-P9415-R Datasheet
1Mb / 62P
15W Wireless Power Receiver with WattShare™ Mode
May 4, 2021
P9415-RAWQI8 RENESAS-P9415-RAWQI8 Datasheet
1Mb / 62P
15W Wireless Power Receiver with WattShare™ Mode
May 4, 2021
More results


Similar Description - P9415

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STWLC03 STMICROELECTRONICS-STWLC03 Datasheet
469Kb / 5P
Dual mode Qi/PMA wireless power receiver
05-Jun-2015
logo
Integrated Device Techn...
P9027LP-R IDT-P9027LP-R Datasheet
2Mb / 27P
Wireless Power Receiver
P9221-R IDT-P9221-R Datasheet
1Mb / 35P
Wireless Power Receiver
logo
Semtech Corporation
TS51223 SEMTECH-TS51223 Datasheet
2Mb / 20P
Wireless Power Receiver
logo
Integrated Device Techn...
P9225-R IDT-P9225-R Datasheet
1,010Kb / 34P
Dual-Mode Wireless Power Receiver
logo
Maxim Integrated Produc...
MAX77950 MAXIM-MAX77950 Datasheet
1Mb / 53P
WPC/PMA Dual Mode Wireless Power Receiver
Rev 0; 3/17
logo
Renesas Technology Corp
P9412 RENESAS-P9412 Datasheet
1Mb / 31P
30W Wireless Transmitter/Receiver (TRx)
Rev.1.2 Jul.6.21
P9415-R RENESAS-P9415-R Datasheet
1Mb / 62P
15W Wireless Power Receiver with WattShare™ Mode
May 4, 2021
logo
Silicon Mitus, Inc.
SM5903 SILICONMITUS-SM5903 Datasheet
198Kb / 2P
Wireless Power Transmitter/Receiver (TRx) Supporting Medium Power
July 2021 Rev. 0.0.3
SM5922 SILICONMITUS-SM5922 Datasheet
167Kb / 2P
Wireless Power Receiver
July 2021 Rev. 0.0.7
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com