Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9412 Datasheet (PDF) - Renesas Technology Corp

P9412 Datasheet PDF - Renesas Technology Corp
Part # P9412
Download  P9412 Download
File Size   1363.12 Kbytes
Page   31 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 30W Wireless Transmitter/Receiver (TRx)

P9412 Datasheet (PDF)

Go To PDF Page Download Datasheet
P9412 Datasheet PDF - Renesas Technology Corp

Part # P9412
Download  P9412 Click to download

File Size   1363.12 Kbytes
Page   31 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 30W Wireless Transmitter/Receiver (TRx)

P9412 Datasheet (HTML) - Renesas Technology Corp


P9412 Product details

The P9412 is a 30W highly integrated single-chip
wireless power Wattshare™ transmitter/receiver IC
(TRx) with a high-performance capacitive divider.
The device can be configured to receive or transmit
AC power through magnetic induction. When the
device is configured as a wireless power transmitter
(Tx), it uses on-chip full/half-bridge inverter, PWM
generator, modulator/demodulator (for
communication) and micro controller to produce an
AC power signal to drive external L-C tank. As a
wireless power receiver (Rx), the device receives
AC power from a wireless transmitter and converts it
to a rectified output voltage, which can be used to
power downstream devices or supply the charger
input in mobile applications.
The P9412 integrates a high-efficiency synchronous
full bridge rectifier and control circuitry to modulate
the load and send message packets to the
Transmitter for optimized power delivery. The
device features Multiple-Time Programmable (MTP)
non-volatile memory which allows easy firmware
updates.
The P9412 includes over-current, over-voltage, and
over-temperature protections. Fault conditions are
managed by an industry-leading 32-bit ARM®
Cortex®-M0 processor offering high programmability
with low standby power ideal for mobile
applications. The processor can also control GPIOs
to indicate operating and fault modes. The device is
available in a WLCSP-81 package.

Applications
• Smart phone
• Other mobile applications

Features
• Single-chip Magnetic Induction Wireless Power
Transmitter/Receiver
• WPC 1.3 compatible
• Supports proprietary modes
• Delivers up to 30W as a receiver
• Delivers over 6W as a transmitter
• Integrated high-performance synchronous
rectifier, LDO, and capacitor divider
• Reliable over-voltage clamping
• Best-in-class EMI performance (in Bypass mode)
• Proprietary Rx-to-Tx modulation/demodulation for
two-way communication
• Tx-to-Rx (Backchannel) communication
• 24kB MTP non-volatile memory for expanded
feature support
• Embedded 32-bit ARM® Cortex®-M0 processor
• Supports I2C 400kHz standard interface and
GPIOs
• 0.4mm pitch WLCSP-81 4.02 × 4.01 mm package




Similar Part No. - P9412

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P941-12I TRIPPLITE-P941-12I Datasheet
161Kb / 2P
Serial ATA (SATA) Right Angle Signal Cable (7Pin/7Pin-Up), 12-in.
P941-19I TRIPPLITE-P941-19I Datasheet
159Kb / 2P
Serial ATA (SATA) Right Angle Signal Cable (7Pin/7Pin-Up), 19-in.
P94119I TRIPPLITE-P94119I Datasheet
490Kb / 2P
Serial ATA (SATA) Right Angle Signal Cable (7Pin-7Pin-Up), 19-in
logo
Renesas Technology Corp
P9415 RENESAS-P9415 Datasheet
885Kb / 30P
30W Wireless Power Receiver with WattShare™ TRx Mode
December 19, 2019
P9415-0AWQI8 RENESAS-P9415-0AWQI8 Datasheet
885Kb / 30P
30W Wireless Power Receiver with WattShare™ TRx Mode
December 19, 2019
More results


Similar Description - P9412

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z87100 ZILOG-Z87100 Datasheet
213Kb / 48P
Wireless Transmitter
logo
Toshiba Semiconductor
TA32305 TOSHIBA-TA32305 Datasheet
605Kb / 26P
RF 1chip Receiver and Transmitter for low power wireless
logo
Integrated Device Techn...
P9235A-R IDT-P9235A-R Datasheet
1Mb / 23P
Wireless Power Transmitter
P9242-R IDT-P9242-R Datasheet
1Mb / 31P
Wireless Power Transmitter
logo
Semtech Corporation
TSDMTX-5V2-EVM SEMTECH-TSDMTX-5V2-EVM Datasheet
5Mb / 24P
Wireless Charging Transmitter
logo
HOPE Microelectronics C...
RFM210LH-D HOPE-RFM210LH-D Datasheet
412Kb / 3P
Wireless Receiver Module
logo
IOGEAR
GW4K30GH60 IOGEAR-GW4K30GH60 Datasheet
173Kb / 2P
Ultra-Fast 60GHz Wireless 4K UHD Transmitter and Receiver Kit
GWHD2DKIT IOGEAR-GWHD2DKIT Datasheet
166Kb / 2P
Share Pro??Mini Wireless HD Video Transmitter and Receiver Kit
logo
Renesas Technology Corp
P9415 RENESAS-P9415 Datasheet
885Kb / 30P
30W Wireless Power Receiver with WattShare™ TRx Mode
December 19, 2019
logo
Silicon Mitus, Inc.
SM5903 SILICONMITUS-SM5903 Datasheet
198Kb / 2P
Wireless Power Transmitter/Receiver (TRx) Supporting Medium Power
July 2021 Rev. 0.0.3
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com