Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9412 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # P9412
Description  30W Wireless Transmitter/Receiver (TRx)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9412 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button P9412 Datasheet HTML 2Page - Renesas Technology Corp P9412 Datasheet HTML 3Page - Renesas Technology Corp P9412 Datasheet HTML 4Page - Renesas Technology Corp P9412 Datasheet HTML 5Page - Renesas Technology Corp P9412 Datasheet HTML 6Page - Renesas Technology Corp P9412 Datasheet HTML 7Page - Renesas Technology Corp P9412 Datasheet HTML 8Page - Renesas Technology Corp P9412 Datasheet HTML 9Page - Renesas Technology Corp P9412 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
P9412 Datasheet
R35DS0011EU0120 Rev.1.2
Jul.6.21
Page 6
Number
Name
Type
Description
E6, E7, E8,
E9
VOUT
O
Main LDO output pin. Connect 3 × 10
µF or more capacitors to ground.
F1
CMB
O
High-voltage open-drain modulation FET. Connect a capacitor from AC2 to CMB.
F2
VSENSE
I
Voltage sensing. Connect to sensing point as close as possible. Do not apply more than 5V during
operation.
F3
V1P8AP
I
Application processor (AP) power input. The V1P8AP pin should be connected directly to the
PMIC voltage rail. This pin must be powered to enable PDET function.
F4
LDO1P8
O
1.8V LDO for providing Internal power and ARM-M0 processor. Connect to a capacitor to GND.
F5, F6, F7,
F8, F9, G5,
G9
VRECT
O
Filter capacitor connection for the synchronous rectifier output. Connect to capacitors to GND.
G1
CM2
O
High-voltage open-drain modulation FET. Connect a capacitor from AC2 to CM2.
G2
ISP
I
Reverse external current sensing positive input. Connect to CPout if not used.
G3
TxEN
I
Tx mode active-high enable pin. Overrides /EN input pin if used. Connect to GND if not used.
G4
LDO5P0
O
Internal 5V LDO for chip power only. Connect to a capacitor to GND.
G6, H4, H5,
H6, J4
AC1
I/O
AC1 power input. Connect to RX LC tank (due to symmetry may connect to Rx coil or Resonance
Capacitor).
G7
BST2
O
Bootstrap capacitor for driving the high side N-MOSFET of the internal rectifier. Connect to a
capacitor from AC2 to BST2.
G8, H8, H9
AC2
I/O
AC2 power input. Connect to RX LC tank (due to symmetry may connect to Rx coil or Resonance
Capacitor).
H1
CMA
O
High-voltage open-drain modulation FET. Connect a capacitor from AC1 to CMA.
H2
ISN
I
Reverse current sensing negative input. Connect to CPout if not used.
H3
V5P0_AP
I
Application processor (AP) power input. The V5P0_AP pin can be directly connected to 5V
external power to replace LDO5P0 voltage to reduce device power consumption for high voltage
operation. Leave it floating if not used.
H7
BST1
O
Bootstrap capacitor for driving high side N-MOSFET of the internal rectifier. Connect a capacitor
from AC1 to BST1.
J1
CM1
O
High-voltage open-drain modulation FET. Connect a capacitor from AC1 to CM1.
J2
PCLAMP
I
High-voltage open-drain input for linear clamping during OVP events. Connect a resistor from this
pin to VRECT for > 5W operation. Short directly to VRECT for 5W or lower power applications.
J5, J6, J7,
J8, J9
PGND
GND
Power Ground. All PGND pins must be connected together with GND and CPGND externally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com